công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320UC5402 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TMS320UC5402
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TMS320UC5402 Datasheet HTML 1Page - Texas Instruments TMS320UC5402 Datasheet HTML 2Page - Texas Instruments TMS320UC5402 Datasheet HTML 3Page - Texas Instruments TMS320UC5402 Datasheet HTML 4Page - Texas Instruments TMS320UC5402 Datasheet HTML 5Page - Texas Instruments TMS320UC5402 Datasheet HTML 6Page - Texas Instruments TMS320UC5402 Datasheet HTML 7Page - Texas Instruments TMS320UC5402 Datasheet HTML 8Page - Texas Instruments TMS320UC5402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
A18
A17
VSS
A16
D5
D4
D3
D2
D1
D0
RS
X2/CLKIN
X1
HD3
CLKOUT
VSS
HPIENA
CVDD
NC
TMS
TCK
TRST
TDI
TDO
EMU1/OFF
EMU0
TOUT0
HD2
NC
CLKMD3
CLKMD2
CLKMD1
VSS
DVDD
NC
NC
NC
NC
VSS
DVDD
A10
HD7
A11
A12
A13
A14
A15
NC
HAS
VSS
NC
CVDD
HCS
HR/W
READY
PS
DS
IS
R/W
MSTRB
IOSTRB
MSC
XF
HOLDA
IAQ
HOLD
BIO
MP/MC
DVDD
VSS
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
PGE PACKAGE†‡
(TOP VIEW)
† NC = No connection. These pins should be left unconnected.
‡ DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for both the I/O
pins and the core CPU.
The TMS320UC5402PGE (144-pin TQFP) package is footprint-compatible with the ’LC548 and ’LC/VC549.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63