| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320F241FN bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F241FN bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 66 page ![]() TMS320C242 DSP CONTROLLER SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999 20 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 interrupt request structure (continued) Table 5.’C242 Interrupt Source Priority and Vectors (Continued) INTERRUPT NAME OVERALL PRIORITY CPU INTERRUPT AND VECTOR ADDRESS BIT POSITION IN PIRQRx AND PIACKRx PERIPHERAL INTERRUPT VECTOR (PIV) MASK- ABLE? SOURCE PERIPHERAL MODULE DESCRIPTION Reserved 30 INT5 Reserved 31 INT5 000Ah ADCINT 32 1.12 0004h Y ADC ADC interrupt (low-priority) XINT1 33 INT6 000Ch 1.13 0001h Y External Interrupt Logic External interrupt pins (low-priority mode) XINT2 34 000Ch 1.14 0011h Y External Interrupt Logic External interrupt pins (low-priority mode) Reserved 000Eh N/A Y CPU Analysis interrupt TRAP N/A 0022h N/A N/A CPU TRAP instruction Phantom Interrupt Vector N/A N/A 0000h N/A CPU Phantom interrupt vector INT8 through INT16 N/A 0010h through 0020h N/A N/A CPU Software Interrupt INT20 through INT31 N/A 00028h through 0603Fh N/A N/A CPU Interrupt Vectors† † Refer to the TMS320C24x CPU System and Instruction Set, Volume 1 (SPRU160); and the TMS320F243,F241,C242 DSP Controllers System and Peripherals User’s Guide Volume 2 (SPRU276) for more information. interrupt acknowledge When the CPU asserts its interrupt acknowledge, it simultaneously puts a value on the memory interface program address bus, which corresponds to the CPU interrupt being acknowledged (it does this because it is fetching the CPU interrupt vector from program memory, each INT has a vector stored in a dedicated program memory address). This value is shown in Table 5, column 3, CPU Interrupt and Vector Address. The PIE controller uses the CPU interrupt acknowledge to generate its internal signals to clear the current interrupt request. interrupt vectors When the CPU receives an interrupt request (INT), it does not know which peripheral PIRQ caused the INT request. To enable the CPU to distinguish among the PIRQs, a unique interrupt vector is generated in response to a CPU interrupt acknowledge signal. This vector (PIV) is loaded into the Peripheral Interrupt Vector Register (PIVR) in the PIE controller. The CPU reads this PIV vector value from PIVR and branches to the respective Interrupt Service Routine (SISR). The PIVs are all implemented as hard-coded values on the ’C242, according to Table 5, column 5. In effect, there are two vector tables: a CPU vector table and a user-specified peripheral vector table. The CPU’s vector table, which starts at 0000h, is used to get to the General Interrupt Service Routine (GISR) in response to a CPU interrupt request (INT). A user-specified peripheral vector table is employed to get to the Event-Specific Interrupt Service Routine (SISR), corresponding to the event which caused the peripheral interrupt request (PIRQ). The code in the GISR should read the Peripheral Interrupt Vector Register (PIVR) after saving any necessary context, and use this value PIV to generate a branch to the SISR. There is one SISR for every interrupt request from a peripheral to the interrupt controller. The SISR performs the actions required in response to the peripheral interrupt request. |