công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F241FN bảng dữ liệu(PDF) 58 Page - Texas Instruments

tên linh kiện TMS320F241FN
Giải thích chi tiết về linh kiện  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN bảng dữ liệu(HTML) 58 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 54Page - Texas Instruments TMS320F241FN Datasheet HTML 55Page - Texas Instruments TMS320F241FN Datasheet HTML 56Page - Texas Instruments TMS320F241FN Datasheet HTML 57Page - Texas Instruments TMS320F241FN Datasheet HTML 58Page - Texas Instruments TMS320F241FN Datasheet HTML 59Page - Texas Instruments TMS320F241FN Datasheet HTML 60Page - Texas Instruments TMS320F241FN Datasheet HTML 61Page - Texas Instruments TMS320F241FN Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
58
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
internal ADC module timings (see Figure 32)
MIN
MAX
UNIT
tc(AD)
Cycle time, ADC prescaled clock
50
ns
tw(SHC)
Pulse duration, total sample/hold and conversion time†
900
ns
tw(SH)
Pulse duration, sample and hold time
3tc(AD)
ns
tw(C)
Pulse duration, total conversion time
10tc(AD)
ns
td(SOC-SH)
Delay time, start of conversion‡ to beginning of sample and hold
3tc(CO)
ns
td(EOC-FIFO)
Delay time, end of conversion to data loaded into result FIFO
2tc(CO)
ns
td(ADCINT)
Delay time, ADC flag to ADC interrupt
2tc(CO)
ns
† The total sample/hold and conversion time is determined by the summation of td(SOC-SH), tw(SH), tw(C), and td(EOC-FIFO).
‡ Start of conversion is signaled by the ADCIMSTART bit (ADCTRL1.13) or the ADCSOC bit (ADCTRL1.0) set in software, the external start signal
active (ADCSOC), or internal EVSOC signal active.
0
3
2
4
51
tw(C)
6
7
8
tc(AD)
ADC Clock
Analog Input
Bit Converted
td(SOC–SH)
EOC/Convert
Internal Start/
Sample Hold
Start of Convert
XFR to FIFO
tw(SHC)
td(EOC–FIFO)
9
tw(SH)
td(ADCINT)
Figure 32. Analog-to-Digital Internal Module Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com