| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV431BQLPR bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV431BQLPR bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 34 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TLV431BQDBVTE4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431BQDBZR ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431BQDBZRG4 ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431BQDBZT ACTIVE SOT-23 DBZ 3 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431BQDBZTG4 ACTIVE SOT-23 DBZ 3 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431BQDCKR ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431BQDCKRE4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431BQDCKT ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431BQDCKTE4 ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431BQLP ACTIVE TO-92 LP 3 1000 TBD CU SNPB Level-NC-NC-NC TLV431BQLPR ACTIVE TO-92 LP 3 2000 TBD CU SNPB Level-NC-NC-NC TLV431BQPK ACTIVE SOT-89 PK 3 1000 TBD CU SNPB Level-1-220C-UNLIM TLV431CDBV OBSOLETE SOT-23 DBV 5 TBD CU SNPB Level-1-260C-UNLIM TLV431CDBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) Call TI Level-1-260C-UNLIM TLV431CDBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) Call TI Level-1-260C-UNLIM TLV431CDBZR ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431CDBZRG4 ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431CLP ACTIVE TO-92 LP 3 1000 TBD CU SNPB Level-NC-NC-NC TLV431CLPR ACTIVE TO-92 LP 3 2000 TBD CU SNPB Level-NC-NC-NC TLV431IDBV OBSOLETE SOT-23 DBV 5 TBD Call TI Call TI TLV431IDBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) Call TI Level-1-260C-UNLIM TLV431IDBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) Call TI Level-1-260C-UNLIM TLV431IDBZR ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431IDBZRG4 ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLV431ILP ACTIVE TO-92 LP 3 1000 TBD CU SNPB Level-NC-NC-NC TLV431ILPR ACTIVE TO-92 LP 3 2000 TBD CU SNPB Level-NC-NC-NC TLV431QPK ACTIVE SOT-89 PK 3 1000 TBD CU SNPB Level-1-220C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. PACKAGE OPTION ADDENDUM www.ti.com 27-Sep-2005 Addendum-Page 3 |