| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV431BQLPR bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV431BQLPR bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 34 page ![]() TLV431, TLV431A, TLV431B LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR SLVS139R − JULY 1996 − REVISED SEPTEMBER 2005 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLV431B electrical characteristics at 25 °C free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS TLV431B UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT TA = 25°C 1.234 1.24 1.246 VREF Reference voltage VKA = VREF, TA = full range TLV431BC 1.227 1.253 V VREF Reference voltage VKA = VREF, IK = 10 mA TA = full range (see Note 3 and Figure 1) TLV431BI 1.224 1.259 V IK = 10 mA (see Note 3 and Figure 1) TLV431BQ 1.221 1.265 VREF deviation over full VKA = VREF, IK = 10 mA TLV431BC 4 12 VREF(dev) VREF deviation over full temperature range (see Note 4) VKA = VREF, IK = 10 mA (see Note 3 and Figure 1) TLV431BI 6 20 mV VREF(dev) temperature range (see Note 4) (see Note 3 and Figure 1) TLV431BQ 11 31 mV ∆VREF ∆VKA Ratio of VREF change in cathode voltage change VKA = VREF to 6 V, IK = 10 mA (see Figure 2) − 1.5 − 2.7 mV/V Iref Reference terminal current IK = 10 mA, R1 = 10 kΩ, R2 = open (see Figure 2) 0.1 0.5 µA Iref deviation over full IK = 10 mA, R1 = 10 kΩ, R2 = open TLV431BC 0.05 0.3 Iref(dev) Iref deviation over full temperature range (see Note 4) IK = 10 mA, R1 = 10 kΩ, R2 = open (see Note 3 and Figure 2) TLV431BI 0.1 0.4 µA Iref(dev) temperature range (see Note 4) (see Note 3 and Figure 2) TLV431BQ 0.15 0.5 µA IK(min) Minimum cathode current for regulation VKA = VREF (see Figure 1) 55 100 µA IK(off) Off-state cathode current VREF = 0, VKA = 6 V (see Figure 3) 0.001 0.1 µA |zKA| Dynamic impedance (see Note 5) VKA = VREF, f ≤ 1 kHz, IK = 0.1 mA to 15 mA (see Figure 1) 0.25 0.4 Ω NOTES: 3. Full temperature ranges are − 40 °C to 125°C for TLV431BQ, −40°C to 85°C for TLV431BI, and 0°C to 70°C for TLV431BC. 4. The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over the rated temperature range. The average full-range temperature coefficient of the reference input voltage, αVREF, is defined as: αV REF ppm °C + V REF(dev) V REF (TA+25°C) 106 ∆T A where ∆TA is the rated operating free-air temperature range of the device. αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower temperature. 5. The dynamic impedance is defined as z ka + ∆V KA ∆I K When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is defined as: z ka + ∆V ∆I [ z ka 1 ) R1 R2 |