| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12SCIV2D bảng dữ liệu(PDF) 37 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2D bảng dữ liệu(HTML) 37 Page - Motorola, Inc |
|
37 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 37 $0063 PACN2 (lo) Read: Bit 7 654321 Bit 0 Write: $0064 PACN1 (hi) Read: Bit 7 654321 Bit 0 Write: $0065 PACN0 (lo) Read: Bit 7 654321 Bit 0 Write: $0066 MCCTL Read: MCZI MODMC RDMCL 00 MCEN MCPR1 MCPR0 Write: ICLAT FLMC $0067 MCFLG Read: MCZF 0 0 0 POLF3 POLF2 POLF1 POLF0 Write: $0068 ICPAR Read: 0000 PA3EN PA2EN PA1EN PA0EN Write: $0069 DLYCT Read: 000000 DLY1 DLY0 Write: $006A ICOVW Read: NOVW7 NOVW6 NOVW5 NOVW4 NOVW3 NOVW2 NOVW1 NOVW0 Write: $006B ICSYS Read: SH37 SH26 SH15 SH04 TFMOD PACMX BUFEN LATQ Write: $006C Reserved Read: Write: $006D TIMTST Test Only Read: 000000 TCBYP 0 Write: $006E Reserved Read: Write: $006F Reserved Read: Write: $0070 PBCTL Read: 0 PBEN 0000 PBOVI 0 Write: $0071 PBFLG Read: 000000 PBOVF 0 Write: $0072 PA3H Read: Bit 7 654321 Bit 0 Write: $0073 PA2H Read: Bit 7 654321 Bit 0 Write: $0074 PA1H Read: Bit 7 654321 Bit 0 Write: $0075 PA0H Read: Bit 7 654321 Bit 0 Write: $0076 MCCNT (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $0077 MCCNT (lo) Read: Bit 7 654321 Bit 0 Write: $0078 TC0H (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $0079 TC0H (lo) Read: Bit 7 654321 Bit 0 Write: $007A TC1H (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $007B TC1H (lo) Read: Bit 7 654321 Bit 0 Write: $0040 - $007F ECT (Enhanced Capture Timer 16 Bit 8 Channels) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |