| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12SCIV2D bảng dữ liệu(PDF) 31 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2D bảng dữ liệu(HTML) 31 Page - Motorola, Inc |
|
31 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 31 Figure 1-2 MC9S12DT128 Memory Map $C000 – $FFFF Fixed Flash EEPROM array incl. 0.5K, 1K, 2K or 4K Protected Sector at end and 256 bytes of Vector Space at $FF80 – $FFFF 16384 Table 1-1 Device Memory Map Address Module Size (Bytes) $0000 $FFFF $C000 $8000 $4000 $0400 $0800 $1000 $2000 $FF00 EXT NORMAL SINGLE CHIP EXPANDED SPECIAL SINGLE CHIP VECTORS VECTORS VECTORS $FF00 $FFFF BDM (If Active) $C000 $FFFF 16K Fixed Flash EEPROM 2K, 4K, 8K or 16K Protected Boot Sector $8000 $BFFF 16K Page Window eight * 16K Flash EEPROM Pages $4000 $7FFF 16K Fixed Flash EEPROM 0.5K, 1K, 2K or 4K Protected Sector $2000 $3FFF 8K Bytes RAM Mappable to any 8K Boundary $0800 $0FFF 2K Bytes EEPROM Mappable to any 2K Boundary $0000 $03FF 1K Register Space Mappable to any 2K Boundary The address does not show the map after reset, but a useful map. After reset the map is: $0000 – $03FF: Register Space $0000 – $1FFF: 8K RAM $0000 – $07FF: 2K EEPROM (not visible) |