| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12SCIV2D bảng dữ liệu(PDF) 103 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2D bảng dữ liệu(HTML) 103 Page - Motorola, Inc |
|
103 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 103 A.1.9 I/O Characteristics This section describes the characteristics of all 5V I/O pins. All parameters are not always applicable, e.g. not all pins feature pull up/down resistances. Table A-5 Thermal Package Characteristics1 NOTES: 1. The values for thermal resistance are achieved by package simulations Num C Rating Symbol Min Typ Max Unit 1T Thermal Resistance LQFP112, single sided PCB2 2. PC Board according to EIA/JEDEC Standard 51-3 θ JA –– 54 oC/W 2T Thermal Resistance LQFP112, double sided PCB with 2 internal planes3 3. PC Board according to EIA/JEDEC Standard 51-7 θ JA –– 41 oC/W 3 T Junction to Board LQFP112 θ JB –– 31 oC/W 4 T Junction to Case LQFP112 θ JC –– 11 oC/W 5 T Junction to Package Top LQFP112 Ψ JT ––2 oC/W 6 T Thermal Resistance QFP 80, single sided PCB θ JA –– 51 oC/W 7T Thermal Resistance QFP 80, double sided PCB with 2 internal planes θ JA –– 41 oC/W 8 T Junction to Board QFP80 θ JB –– 27 oC/W 9 T Junction to Case QFP80 θ JC –– 14 oC/W 10 T Junction to Package Top QFP80 Ψ JT ––3 oC/W |