| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE207X bảng dữ liệu(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE207X bảng dữ liệu(HTML) 76 Page - Texas Instruments |
|
76 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 76 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL INFORMATION P (R-PDIP-T8) PLASTIC DUAL-IN-LINE PACKAGE 4040082 / B 03/95 0.310 (7,87) 0.290 (7,37) 0.010 (0,25) NOM 0.400 (10,60) 0.355 (9,02) 5 8 4 1 0.020 (0,51) MIN 0.070 (1,78) MAX 0.240 (6,10) 0.260 (6,60) 0.200 (5,08) MAX 0.125 (3,18) MIN 0.015 (0,38) 0.021 (0,53) Seating Plane M 0.010 (0,25) 0.100 (2,54) 0 °–15° NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Falls within JEDEC MS-001 |