| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE207X bảng dữ liệu(PDF) 73 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE207X bảng dữ liệu(HTML) 73 Page - Texas Instruments |
|
73 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 73 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL INFORMATION J (R-GDIP-T**) CERAMIC DUAL-IN-LINE PACKAGE 4040083 / B 04/95 14 PIN SHOWN 22 0.410 (10,41) 0.390 (28,00) 1.100 (9,91) 0.388 (9,65) 20 18 16 14 PINS ** 0.310 (7,87) 0.290 0.755 (19,18) (19,94) 0.785 (7,37) 0.310 (7,87) (7,37) 0.290 (23,10) 0.910 0.300 (7,62) (6,22) 0.245 A 0.300 (7,62) (6,22) 0.245 0.290 (7,87) 0.310 0.785 (19,94) (19,18) 0.755 (7,37) A MIN A MAX B MAX B MIN 0.245 (6,22) (7,11) 0.280 C MIN C MAX DIM 0.245 (6,22) (7,62) 0.300 0.975 (24,77) (23,62) 0.930 0.290 (7,37) (7,87) 0.310 Seating Plane 0.014 (0,36) 0.008 (0,20) C 8 7 0.020 (0,51) MIN B 0.070 (1,78) 0.100 (2,54) 0.065 (1,65) 0.045 (1,14) 14 1 0.015 (0,38) 0.023 (0,58) 0.200 (5,08) MAX 0.130 (3,30) MIN 0.100 (2,54) 0 °–15° NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Index point is provided on cap for terminal identification only on press ceramic glass frit seal only. E. Falls within MIL-STD-1835 GDIP1-T14, GDIP1-T16, GDIP1-T18, GDIP1-T20, and GDIP1-T22 |