công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IQ36070QTC17NRS bảng dữ liệu(PDF) 25 Page - SynQor Worldwide Headquarters

tên linh kiện IQ36070QTC17NRS
Giải thích chi tiết về linh kiện  Quarter-brick DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNQOR [SynQor Worldwide Headquarters]
Trang chủ  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070QTC17NRS bảng dữ liệu(HTML) 25 Page - SynQor Worldwide Headquarters

Back Button IQ36070QTC17NRS Datasheet HTML 20Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 21Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 22Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 23Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 24Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 25Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 26Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 27Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 28Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Technical
Specification
IQ36-QTC Family
Product # IQ36xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ36QTX Rev. B
09/23/08
Page 25
BASICOPERATIONANDFEATURES
This converter series uses a two-stage power conversion
topology. The first stage is a buck-converter that keeps the
output voltage constant over variations in line, load, and
temperature.Thesecondstageusesatransformertoprovide
the functions of input/output isolation and voltage step-up or
step-downtoachievetheoutputvoltagerequired.
Both the first stage and the second stage switch at a fixed
frequency for predictable EMI performance. Rectification of the
transformer’soutputisaccomplishedwithsynchronousrectifiers.
These devices, which are MOSFETs with a very low on-state
resistance,dissipatefarlessenergythanSchottkydiodes.Thisis
theprimaryreasonthattheconverterhassuchhighefficiency,
evenatverylowoutputvoltagesandveryhighoutputcurrents.
Theseconvertersareofferedtotallyencasedtowithstandharsh
environmentsandthermallydemandingapplications.Dissipation
throughout the converter is so low that it does not require a
heatsink for operation in many applications; however, adding
aheatsinkprovidesimprovedthermalderatingperformancein
extremesituations.
This series of converters uses the industry standard footprint
andpin-outconfiguration.
CONTROLFEATURES
ReMOTe On/OFF (Pin 2):TheON/OFFinput,Pin2,permits
theusertocontrolwhentheconverterisonoroff.Thisinput
is referenced to the return terminal of the input bus, Vin(-).
TheON/OFFsignalisactivelow(meaningthatalowturnsthe
converteron).FigureAdetailsfourpossiblecircuitsfordriving
theON/OFFpin.FigureBisadetailedlookoftheinternalON/
OFFcircuitry.
ReMOTe SenSe(+) (Pins 7 and 5): The SENSE(+) inputs
correctforvoltagedropsalongtheconductorsthatconnectthe
converter’soutputpinstotheload.
Pin 7 should be connected to Vout(+) and Pin 5 should be
connectedtoVout(-)atthepointontheboardwhereregulation
is desired. A remote connection at the load can adjust for a
voltage drop only as large as that specified in this datasheet,
thatis
[Vout(+)-Vout(-)]–[Vsense(+)-Vsense(-)]<
SenseRange%xVout
Pins 7 and 5 must be connected for proper regulation of
the output voltage.If these connections are not made, the
converter will deliver an output voltage that is slightly higher
thanitsspecifiedvalue.
Note: the output over-voltage protection circuit senses the
voltage across the output (pins 8 and 4) to determine when
itshouldtrigger,notthevoltageacrosstheconverter’ssense
leads(pins7and5).Therefore,theresistivedropontheboard
should be small enough so that output OVP does not trigger,
evenduringloadtransients.
OpenCollectorEnableCircuit
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
RemoteEnableCircuit
DirectLogicDrive
NegativeLogic
(PermanentlyEnabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
Vin(_
)
TTL
5V
50k
50k
ON/OFF
Vin(_)
100pF
OUTPUT VOlTaGe TRIM (Pin 6):TheTRIMinputpermitsthe
usertoadjusttheoutputvoltageacrossthesenseleadsupor
downaccordingtothetrimrangespecifications.
To decrease the output voltage, the user should connect a
resistorbetweenPin6andPin5(SENSE(-)input).Foradesired
decreaseofthenominaloutputvoltage,thevalueoftheresistor
shouldbe
Rtrim-down=
(511)-10.22(kW)
∆%
where
∆% =
Vnominal–Vdesiredx100%
Vnominal
To increase the output voltage, the user should connect a
resistorbetweenPin6andPin7(SENSE(+)input).Foradesired
increaseofthenominaloutputvoltage,thevalueoftheresistor
shouldbe
Graphs on Page 3 show the relationship between the trim
resistorvalueandRtrim-upandRtrim-down,showingthetotal
rangetheoutputvoltagecanbetrimmedupordown.
Note:theTRIMfeaturedoesnotaffectthevoltageatwhichthe
outputover-voltageprotectioncircuitistriggered.Trimmingthe
outputvoltagetoohighmaycausetheover-voltageprotection
circuittoengage,particularlyduringtransients.
ItisnotnecessaryfortheusertoaddcapacitanceattheTrim
pin.Thenodeisinternallybypassedtoeliminatenoise.
Total DC Variation of VOUT:Fortheconvertertomeetitsfull
specifications,themaximumvariationofthedcvalueofVOUT,due
tobothtrimmingandremoteloadvoltagedrops,shouldnotbe
greaterthanthatspecifiedfortheoutputvoltagetrimrange.
PROTECTIONFEATURES
Input Under-Voltage lockout: The converter is designed
toturnoffwhentheinputvoltageistoolow,helpingavoidan
inputsysteminstabilityproblem,describedinmoredetailinthe
applicationnotetitled“0”onourwebsite.Thelockoutcircuitry
is a comparator with dc hysteresis. When the input voltage is
rising, it must exceed the typical Turn-On Voltage Threshold
value (listed on the specifications page) before the converter
willturnon.Oncetheconverterison,theinputvoltagemustfall
below the typical Turn-Off Voltage Threshold value before the
converterwillturnoff.
Output Current limit: The maximum current limit remains
constant as the output voltage drops. However, once the
impedanceoftheloadacrosstheoutputissmallenoughtomake
theoutputvoltagedropbelowthespecifiedOutputDCCurrent-
LimitShutdownVoltage,theconverterturnsoff.
Theconverterthenentersa“hiccupmode”whereitrepeatedly
turnsonandoffata5Hz(nominal)frequencywitha5%duty
cycleuntiltheshortcircuitconditionisremoved.Thisprevents
excessiveheatingoftheconverterortheloadboard.
Output Over-Voltage limit:Ifthevoltageacrosstheoutput
pinsexceedstheOutputOver-VoltageProtectionthreshold,the
converterwillimmediatelystopswitching.Thispreventsdamage
totheloadcircuitdueto1)excessiveseriesresistanceinoutput
current path from converter output pins to sense point, 2) a
releaseofashort-circuitcondition,or3)areleaseofacurrent
limit condition. Load capacitance determines exactly how high
theoutputvoltagewillriseinresponsetotheseconditions.After
200mstheconverterwillautomaticallyrestart.
Over-Temperature Shutdown: A temperature sensor on
the converter senses the average temperature of the module.
Thethermalshutdowncircuitisdesignedtoturntheconverter
off when the temperature at the sensed location reaches the
Over-Temperature Shutdown value. It will allow the converter
toturnonagainwhenthetemperatureofthesensedlocation
fallsbytheamountoftheOver-TemperatureShutdownRestart
Hysteresisvalue.
Rtrim-up
(kW)
where
Vout=NominalOutputVoltage
511 _
10.22
5.11VOUTx(100+∆%)
1.225
∆%
∆%
)
=
(
_
APPLICATIONCONSIDERATIONS
Input System Instability:Thisconditioncanoccurbecause
any dc-dc converter appears incrementally as a negative
resistance load. A detailed application note titled “Input
System Instability” is available on the SynQor website which
providesanunderstandingofwhythisinstabilityarises,and
showsthepreferredsolutionforcorrectingit.
application Circuits: Figure D provides a typicalcircuit
diagramwhichdetailstheinputfilteringandvoltagetrimming.
Input Filtering and external Capacitance:FigureEprovides
adiagramshowingtheinternalinputfiltercomponents.Thisfilter
dramaticallyreducesinputterminalripplecurrent,whichotherwise
couldexceedtheratingofanexternalelectrolyticinputcapacitor.
Therecommendedexternalinputcapacitanceisspecifiedinthe
Input Characteristics section on the Electrical Characteristics
page.More detailed information is available in the application
notetitled“EMICharacteristics”ontheSynQorwebsite.
Startup Inhibit Period:TheStartupInhibitPeriodensuresthat
theconverterwillremainoffforapproximately200mswhenitis
shutdownforanyreason.Whenanoutputshortispresent,this
generates a 5 Hz “hiccup mode,” which prevents the converter
fromoverheating.Inall,therearesevenwaysthattheconverter
canbeshutdown,initiatingaStartupInhibitPeriod:
•InputUnder-VoltageLockout
•OutputOver-VoltageProtection
•OverTemperatureShutdown
•CurrentLimit
•ShortCircuitProtection
•TurnedoffbytheON/OFFinput
FigureFshowsthreeturn-onscenarios,whereaStartupInhibit
Periodisinitiatedatt0,t1,andt2:
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
Figure D: Typical application circuit (negative logic unit, permanently enabled).
C
Beforetimet0,whentheinputvoltageisbelowtheUVLthreshold,
theunitisdisabledbytheInputUnder-VoltageLockoutfeature.
When the input voltage rises above the UVLthreshold, the
InputUnder-VoltageLockoutisreleased,andaStartupInhibit
Periodisinitiated.Attheendofthisdelay,theON/OFFpinis
evaluated,andsinceitisactive,theunitturnson.
Attimet1,theunitisdisabledbytheON/OFFpin,anditcannot
beenabledagainuntiltheStartupInhibitPeriodhaselapsed.
When the ON/OFF pin goes high after t2, the Startup Inhibit
Periodhaselapsed,andtheoutputturnsonwithinthetypical
Turn-OnTime.
Thermal Considerations: The maximum operating base-
platetemperature,TB,is100ºC.Aslongastheuser’sthermal
system keeps TB < 100 ºC, the converter can deliver its full
ratedpower.
Apowerderatingcurvecanbecalculatedforanyheatsinkthatis
attachedtothebase-plateoftheconverter.Itisonlynecessary
todeterminethethermalresistance,RTHBA,ofthechosenheatsink
betweenthebase-plateandtheambientairforagivenairflow
rate. This information is usually available from the heatsink
vendor.Thefollowingformulacanthebeusedtodeterminethe
maximumpowertheconvertercandissipateforagiventhermal
conditionifitsbase-plateistobenohigherthan100ºC.
P
max=100ºC-TA
diss
RTHBA
Thisvalueofpowerdissipationcanthenbeusedinconjunction
withthedatashowninFigure2todeterminethemaximumload
current(andpower)thattheconvertercandeliverinthegiven
thermalcondition.
Forconvenience,Figures3and4providePowerderatingcurves
foranencasedconverterwithoutaheatsinkandwithatypical
1/4"highheatsink.
Figure F: Startup Inhibit Period (turn-on time not to scale)
Under-Voltage
LockoutTurn-
OnThreshold
ON/OFF
(neglogic)
Vout
Vin
200ms
200ms
200ms
(typicalstart-up
inhibitperiod)
t0
t1
t2
t
9ms
(typical
turnontime)
ON
ON
ON
OFF
OFF
Figure E: Internal Input Filter Diagram (component values listed on the specifications page).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com