công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IQ36070QTC17NRS bảng dữ liệu(PDF) 14 Page - SynQor Worldwide Headquarters

tên linh kiện IQ36070QTC17NRS
Giải thích chi tiết về linh kiện  Quarter-brick DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNQOR [SynQor Worldwide Headquarters]
Trang chủ  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070QTC17NRS bảng dữ liệu(HTML) 14 Page - SynQor Worldwide Headquarters

Back Button IQ36070QTC17NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 13Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 14Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 15Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 16Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 17Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 18Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Product # IQ36xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ36QTX Rev. B
09/23/08
Page 14
Technical Specification
Input:
Output:
Current:
Part no.:
18-75 V
12 V
10 A
IQ36120QTC10
Parameter
Min.
Typ.
Max. Units notes & Conditions
InPUT ChaRaCTeRISTICS
MaximumInputCurrent
8.7
A
18VIN;12Vout;incurrentlimit
No-LoadInputCurrent
100
130
mA
DisabledInputCurrent
2.0
4.0
mA
ResponsetoInputTransient
0.5
V
1000V/msinputtransient;100µFoutputcap.
InputTerminalRippleCurrent
315
mA
RMS
RecommendedInputFuse
20
A
Fastactingexternalfuserecommended
InputFilterComponentValues(L\C)
1.0\6.6
µH\µF Internalvalues;seeFigureE
OUTPUT ChaRaCTeRISTICS
OutputVoltageSetPoint
11.88
12.00
12.12
V
OutputVoltageRegulation
OverLine
+0.1
+0.3
%
OverLoad
+0.1
+0.3
%
OverTemperature
-180
180
mV
TotalOutputVoltageRange
11.7
12.3
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise1
20MHzbandwidth
Peak-to-Peak
60
90
mV
FullLoad
RMS
10
20
mV
FullLoad
OperatingOutputCurrentRange
0
10
A
Subjecttothermalderating
OutputDCCurrent-LimitInception
11
12
13
A
OutputVoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
4.9
V
Back-DriveCurrentLimitwhileEnabled
0.35
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentLimitwhileDisabled
0
16
50
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
1500
µF
Voutnominalatfullload(resistiveload)
OutputVoltageduringLoadCurrentTransient
ForaStepChangeinOutputCurrent(0.1A/µs)
400
mV
50%to75%to50%IOUTmax
SettlingTime
100
µs
Towithin1%VOUTnom
OutputVoltageTrimRange2
-20
+10
%
MeasuredacrossPins8&4;CommonFigure3
OutputVoltageRemoteSenseRange
+10
%
MeasuredacrossPins8&4
OutputOver-VoltageProtection
117
122
127
%
Overfulltemprange;%ofnominalVOUT
LoadCurrentScaleFactor
133
SeeOutputLoadCurrentapp.noteonourweb
eFFICIenCy
100%Load
92
%
SeeFigure1forefficiencycurve
50%Load
93
%
SeeFigure1forefficiencycurve
note 1:Outputisterminatedwith1µFceramicand15µFlow-ESRtantalumcapacitors.
Forapplicationsrequiringreducedoutputvoltagerippleandnoise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
note 2:Limitedtrim-upisachievableatlowinputvoltageandhighoutputcurrent.Contactthefactoryfordetails.
IQ36120QTC10 eleCTRICal ChaRaCTeRISTICS (12 VOUT)
TA=25°C,airflowrate=300LFM,VIN=36VDCunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°C
ambienttemperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com