| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201CP bảng dữ liệu(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201CP bảng dữ liệu(HTML) 46 Page - Texas Instruments |
|
46 / 62 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 46 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 13 0 1 2345 VDD –6 VDD –8 VDD –10 VDD –12 VDD –14 VDD –16 VDD VDD –2 VDD –4 IOH – High-Level Output Current – mA VDD = 5 V VDD = 10 V VDD = 16 V HIGH-LEVEL OUTPUT VOLTAGE vs HIGH-LEVEL OUTPUT CURRENT TA = 25°C Figure 14 1 2 5 TA – Free-Air Temperature – °C 6 4 3 0 – 75 – 50 – 25 0 25 50 75 100 125 HIGH-LEVEL OUTPUT VOLTAGE† vs FREE-AIR TEMPERATURE TA – Free-Air Temperature – °C VDD = 5 V RL = 10 kΩ Figure 15 1.5 1 0.5 0 02 4 6 2 810 TA = 25°C IOL – Low-Level Output Current – mA LOW-LEVEL OUTPUT VOLTAGE vs LOW-LEVEL OUTPUT CURRENT VDD = 5 V VDD = 10 V VDD = 16 V Figure 16 – 75 – 50 – 25 0 25 50 75 100 125 1 0.5 0 1.5 TA – Free-Air Temperature – °C VDD = 5 V LOW-LEVEL OUTPUT VOLTAGE† vs FREE-AIR TEMPERATURE IOL = 5 mA IOL = 1 mA † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |