| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201CP bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201CP bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 62 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 38 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2202M electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLC2202AM TLC2202BM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 80 500 80 500 µV VIO Input offset voltage Full range 750 750 µV αVIO Temperature coefficient of VIC =0 RS =50 Ω Full range 05 05 µV/°C αVIO input offset voltage VIC = 0, RS = 50 Ω Full range 0.5 0.5 µV/°C Input offset voltage long-term drift (see Note 4) 25 °C 0.001 0.005* 0.001 0.005* µV/mo IIO Input offset current 25 °C 0.5 0.5 pA IIO Input offset current VIC =0 RS =50 Ω Full range 500 500 pA IIB Input bias current VIC = 0, RS = 50 Ω 25 °C 1 1 pA IIB Input bias current Full range 500 500 pA Common mode input 0 0 VICR Common-mode input voltage range RS = 50 Ω Full range 0 to 0 to V ICR voltage range S g 2.7 2.7 VOH Maximum high-level output RL =10kΩ 25 °C 4.7 4.8 4.7 4.8 V VOH g voltage RL = 10 kΩ Full range 4.7 4.7 V VOL Maximum low-level output IO =0 25 °C 0 50 0 50 mV VOL voltage IO = 0 Full range 50 50 mV VO = 1 V to 4 V, 25 °C 150 315 150 315 AVD Large-signal differential O , RL = 500 kΩ Full range 75 75 V/mV AVD gg voltage amplification VO = 1 V to 4 V, 25 °C 25 55 25 55 V/mV O , RL = 10 kΩ Full range 10 10 CMRR Common-mode rejection VO = 0, VIC = VICRmin, 25 °C 75 110 75 110 dB CMRR j ratio O , IC ICR , RS = 50 Ω Full range 75 75 dB kSVR Supply-voltage rejection VDD =4 6Vto16V 25 °C 80 110 80 110 dB kSVR yg j ratio ( ∆VDD± /∆VIO) VDD = 4.6 V to 16 V Full range 80 80 dB IDD Supply current VO =2 5V No load 25 °C 1.7 2.6 1.7 2.6 mA IDD Supply current VO = 2.5 V, No load Full range 2.6 2.6 mA * On products compliant to MIL-PRF-38535, Class B, this parameter is not production tested. † Full range is – 55 °C to 125°C NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |