| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL052CD bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL052CD bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 65 page ![]() TL05x, TL05xA, TL05xY ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178 – FEBRUARY 1997 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL052I and TL052AI electrical characteristics at specified free-air temperature (continued) TL052I, TL052AI PARAMETER TEST CONDITIONS TA VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX S l lt j ti 25 °C 75 99 75 99 kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VO = 0, RS = 50 Ω –40 °C 75 98 75 98 dB ratio ( ∆VCC±/∆VIO) 85 °C 75 99 75 99 Sl t 25 °C 4.6 5.6 4.8 5.6 ICC Supply current (two amplifiers) VO = 0, No load –40 °C 4.5 6.4 4.7 6.4 mA (two am lifiers) 85 °C 4.4 6.4 4.6 6.4 VO1/VO2 Crosstalk attenuation AVD = 100 25 °C 120 120 dB TL052I and TL052AI operating characteristics at specified free-air temperature TL052I, TL052AI PARAMETER TEST CONDITIONS TA† VCC ± = ± 5 V VCC ± = ± 15 V UNIT A MIN TYP MAX MIN TYP MAX SR + Sle rate at nit gain‡ 25 °C 17.8 9 20.7 SR + Slew rate at unity gain‡ RL = 2 kΩ, CL = 100 pF, Full range 8 V/ µs SR Negative slew rate at L , L , See Figure 1 25 °C 15.4 9 17.8 V/ µs SR – g unity gain‡ Full range 8 25 °C 55 56 tr Rise time –40 °C 52 53 85 °C 64 65 ns VI(PP) = ± 10 mV, 25 °C 55 57 ns tf Fall time VI(PP) = ± 10 mV, RL = 2 kΩ, CL = 100 pF, –40 °C 51 53 See Figures 1 and 2 85 °C 64 65 25 °C 24% 19% Overshoot factor –40 °C 24% 19% 85 °C 24% 19% V Equivalent input noise f = 10 Hz 25 °C 71 71 Vn q voltage§ RS = 20 Ω, f = 1 kHz 25 °C 19 19 30 VN(PP) Peak-to-peak equivalent input noise current See Figure 3 f = 10 Hz to 10 kHz 25 °C 4 4 µV In Equivalent input noise current f = 1 kHz 25 °C 0.01 0.01 pA/ √Hz THD Total harmonic distortion¶ RS = 1 kΩ, f = 1 kHz RL = 2 kΩ, 25 °C 0.003% 0.003% V10 V R2 k Ω 25 °C 3 3 B1 Unity-gain bandwidth VI = 10 mV, CL =25 pF RL = 2 kΩ, See Figure 4 –40 °C 3.5 3.6 MHz CL = 25 F, See Figure 4 85 °C 2.5 2.6 Phase margin at unity V10 mV R2 k Ω 25 °C 60 ° 63 ° φm Phase margin at unity gain VI = 10 mV, CL = 25 pF, RL = 2 kΩ, See Figure 4 –40 °C 58 ° 61 ° gain CL = 25 F, See Figure 4 85 °C 60 ° 63 ° † Full range is – 40 °C to 85°C. ‡ For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V. § This parameter is tested on a sample basis. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. ¶ For VCC± = ±5 V, VO(RMS) = 1 V; for VCC± = ±15 V, VO(RMS) = 6 V. |