| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
562 bảng dữ liệu(PDF) 2 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
562 bảng dữ liệu(HTML) 2 Page - Mallory performance club |
|
2 / 4 page ![]() Step 4 Use a 2-arm or 3-arm puller and the thrust button (provided) to remove the cam from the rotor sleeve (see Figure 2). WARNING: Do not try to remove the cam by prying on it with a screwdriver(s). This will damage the advance assembly. Step 5 Install the UNILITE® plate assembly into the housing. Make sure that the cut-out in the plate is directly below the hole in the housing where the wires will exit (see Figure 3). Step 6 Tighten the two nuts that hold the cap clips/brackets in place. This also secures the UNILITE® plate. Step 7 Marine Distributors Only Replace the cap clips using the new aluminum pins provided. Step 8 Install the wire grommet. Lubricate the wires with light oil. Run the wires through the grommet and out of the distributor housing (see Figure 3). Step 9 Install the connector onto the wires. Be sure the wires are in the correct positions (see Figure 4). Step 10 Install the rotor/shutter wheel assembly. Make sure that the rotor is fully seated and that it does not rub the module wires. Replace the cap. Step 11 If you removed the distributor to install the UNILITE® Conversion Kit, reinstall the distributor in the engine. Step 12 Connect the wire harness to the connector. Connect the 3 wires to the correct locations, as shown in Figures 5 and 6. Step 13 Set the ignition timing. Start the engine and recheck timing. MALLORY TECHNICAL SUPPORT (216)688-8300 www.mrgasket.com 2 FIGURE 2 FIGURE 3 FIGURE 4 Puller Thrust Button Remove button after cam has been removed Cam Grommet UNILITE® Plate Assembly Connector Red Brown Green Female Connector Index Rib Distributor Wire Harness Red Brown Green |