| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS0842 bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS0842 bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 29 page ![]() THS0842 DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT SLAS246 – DECEMBER 1999 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION COUT 01 234 567 9 10 11 8 12 131415 I5 DA(7–0) CLK Q I th tsu td(pipe-I) N N N+1 N+1 N+2 N+2 N+3 N+3 N+4 N+4 td(A) tJ(A) 16 DAB(15–0) I4 I3 I2 I1 I–1 I–2 I–3 I–4 Q4 DB(7–0) Q3 Q2 Q1 Q–1 Q–2 Q–3 Q–4 Q5 td(0) DAB(15–0) is the combination of both DA and DB. It illustrates when both buses have valid data for latching. I3 & Q3 I4 & Q4 I5 & Q5 I2 & Q2 I1 & Q1 td(pipe-Q) td(0) COUT NOTE A: The relationship between CLK and COUT/COUT is not fixed and depends on the power-on conditions. Data out should be referenced to COUT and COUT. Figure 2. Timing Diagram, Dual Bus Output |