| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12CPUV2 bảng dữ liệu(PDF) 38 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2 bảng dữ liệu(HTML) 38 Page - Motorola, Inc |
|
38 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 38 $007C TC2H (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $007D TC2H (lo) Read: Bit 7 654321 Bit 0 Write: $007E TC3H (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $007F TC3H (lo) Read: Bit 7 654321 Bit 0 Write: $0080 - $009F ATD0 (Analog to Digital Converter 10 Bit 8 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0080 ATD0CTL0 Read: 00000000 Write: $0081 ATD0CTL1 Read: 00000000 Write: $0082 ATD0CTL2 Read: ADPU AFFC AWAI ETRIGLE ETRIGP ETRIG ASCIE ASCIF Write: $0083 ATD0CTL3 Read: 0 S8C S4C S2C S1C FIFO FRZ1 FRZ0 Write: $0084 ATD0CTL4 Read: SRES8 SMP1 SMP0 PRS4 PRS3 PRS2 PRS1 PRS0 Write: $0085 ATD0CTL5 Read: DJM DSGN SCAN MULT 0 CC CB CA Write: $0086 ATD0STAT0 Read: SCF 0 ETORF FIFOR 0 CC2 CC1 CC0 Write: $0087 Reserved Read: 00000000 Write: $0088 ATD0TEST0 Read: 00000000 Write: $0089 ATD0TEST1 Read: 0000000 SC Write: $008A Reserved Read: 00000000 Write: $008B ATD0STAT1 Read: CCF7 CCF6 CCF5 CCF4 CCF3 CCF2 CCF1 CCF0 Write: $008C Reserved Read: 00000000 Write: $008D ATD0DIEN Read: Bit 7 654321 Bit 0 Write: $008E Reserved Read: 00000000 Write: $008F PORTAD0 Read: Bit7 654321 BIT 0 Write: $0090 ATD0DR0H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0091 ATD0DR0L Read: Bit7 Bit6 000000 Write: $0040 - $007F ECT (Enhanced Capture Timer 16 Bit 8 Channels) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |