| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12CPUV2 bảng dữ liệu(PDF) 46 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2 bảng dữ liệu(HTML) 46 Page - Motorola, Inc |
|
46 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 46 $0130 ATD1DR0H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0131 ATD1DR0L Read: Bit7 Bit6 000000 Write: $0132 ATD1DR1H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0133 ATD1DR1L Read: Bit7 Bit6 000000 Write: $0134 ATD1DR2H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0135 ATD1DR2L Read: Bit7 Bit6 000000 Write: $0136 ATD1DR3H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0137 ATD1DR3L Read: Bit7 Bit6 000000 Write: $0138 ATD1DR4H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0139 ATD1DR4L Read: Bit7 Bit6 000000 Write: $013A ATD1DR5H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $013B ATD1DR5L Read: Bit7 Bit6 000000 Write: $013C ATD1DR6H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $013D ATD1DR6L Read: Bit7 Bit6 000000 Write: $013E ATD1DR7H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $013F ATD1DR7L Read: Bit7 Bit6 000000 Write: $0140 - $017F CAN0 (Motorola Scalable CAN - MSCAN) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0140 CAN0CTL0 Read: RXFRM RXACT CSWAI SYNCH TIME WUPE SLPRQ INITRQ Write: $0141 CAN0CTL1 Read: CANE CLKSRC LOOPB LISTEN 0 WUPM SLPAK INITAK Write: $0142 CAN0BTR0 Read: SJW1 SJW0 BRP5 BRP4 BRP3 BRP2 BRP1 BRP0 Write: $0143 CAN0BTR1 Read: SAMP TSEG22 TSEG21 TSEG20 TSEG13 TSEG12 TSEG11 TSEG10 Write: $0144 CAN0RFLG Read: WUPIF CSCIF RSTAT1 RSTAT0 TSTAT1 TSTAT0 OVRIF RXF Write: $0145 CAN0RIER Read: WUPIE CSCIE RSTATE1 RSTATE0 TSTATE1 TSTATE0 OVRIE RXFIE Write: $0120 - $013F ATD1 (Analog to Digital Converter 10 Bit 8 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |