| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC281 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TC281 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 18 page ![]() TC281 1036- × 1010-PIXEL CCD IMAGE SENSOR SOCS058B – JUNE 1996 – REVISED MAY 1999 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 sensor topology diagram 1000 Pixels 28 Pixels 8 Pixels 1000 Lines 10 Lines 1010 Lines 1 Pixel 1 Pixel 1 Dummy Pixel 1036 9 Dummy Pixels Terminal Functions TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION ADB 9 I Supply voltage for amplifier-drain bias CDB 10 I Supply voltage for clearing-drain bias IAG 3, 20 I Image area gate NC 16 No connect ODB 2 I Supply voltage overflow-drain antiblooming bias OUT 8 O Output signal RST 12 I Reset gate SAG 5, 6 I Storage area gate SRG 15 I Serial register gate 1 SUB 1, 4, 7, 17, 18, 19, 22 Substrate and clock return TDB 21 NC Supply voltage for top-drain bias TRG 14 I Transfer gate VGATE 11 I Bias voltage for the gate of the BCD node VSOURCE 13 I Bias voltage for the source of the BCD node |