| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC281 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TC281 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 18 page ![]() TC281 1036- × 1010-PIXEL CCD IMAGE SENSOR SOCS058B – JUNE 1996 – REVISED MAY 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) The TC281 uses TI-proprietary advanced virtual-phase (AVP) technology, the advanced lateral-overflow-drain structure, and the BCD detection node. These features provide the TI image sensing devices with a high blue response, high near-IR sensitivity, low dark current, high photoresponse uniformity, and a single-phase clocking. The TC281 is characterized for operation from -10 _C to 45_C. functional block diagram Top Drain Image Area Storage Area Serial Register and Transfer Gate Clearing Drain 21 20 5 15 14 TDB 10 11 12 8 8 9 13 Amplifier 6 3 2 ODB IAG SAG VSOURCE ADB OUT RST Vgate CDB IAG SAG SRG TRG |