| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC2230UP bảng dữ liệu(PDF) 17 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2230UP bảng dữ liệu(HTML) 17 Page - Linear Technology |
|
17 / 32 page ![]() LTC2230/LTC2231 17 22301fb TI I G DIAGRA S tH tD tC tC tD tL N – 5 N – 3 N – 1 N – 6 N – 4 N – 2 ENC– ENC+ CLOCKOUTB CLOCKOUTA DA0-DA9, OFA DB0-DB9, OFB 22201 TD03 tAP N + 1 N + 2 N + 4 N + 3 N ANALOG INPUT tH tD tC tD tL N – 6 N – 4 N – 2 N – 5 N – 3 N – 1 ENC– ENC+ CLOCKOUTB CLOCKOUTA DA0-DA9, OFA DB0-DB9, OFB 22201 TD04 tAP N + 1 N + 2 N + 4 N + 3 N ANALOG INPUT Demultiplexed CMOS Outputs with Interleaved Update All Outputs Are Single-Ended and Have CMOS Levels Demultiplexed CMOS Outputs with Simultaneous Update All Outputs Are Single-Ended and Have CMOS Levels |