công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ALVC3651PCB bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện SN74ALVC3651PCB
Giải thích chi tiết về linh kiện  2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC3651PCB bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button SN74ALVC3651PCB Datasheet HTML 14Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 15Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 16Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 17Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 18Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 19Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 20Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 21Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
SN74ALVC3651
2048
× 36
SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SDMS025A – OCTOBER 1999 – REVISED DECEMBER 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FIFO Filled to First Retransmit Word
CLKA
IR
tsu(EN)
th(EN)
RTM
tsk(1)†
CLKB
tpd(C-IR)
12
One or More Write Locations Available
† tsk(1) is the minimum time between a rising CLKB edge and a rising CLKA edge for IR to transition high in the next CLKA cycle. If the time
between the rising CLKB edge and rising CLKA edge is less than tsk(1), then IR can transition high one CLKA cycle later than shown.
Figure 12. IR Timing From the End of Retransmit Mode When One or More Write Locations Are Available
CLKA
AF
tsu(EN)
th(EN)
RTM
tsk(2)‡
(2048 – Y) or More Words Past First Retransmit Word
CLKB
tpd(C-AE)
12
(Y + 1) or More Write Locations Available
‡ tsk(2) is the minimum time between a rising CLKB edge and a rising CLKA edge for AF to transition high in the next CLKA cycle. If the time
between the rising CLKB edge and rising CLKA edge is less than tsk(2), then AF can transition high one CLKA cycle later than shown.
NOTE A: Y is the value loaded in the AF flag offset register.
Figure 13. AF Timing From the End of Retransmit Mode
When (Y + 1) or More Write Locations Are Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26