công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ALVC3651PCB bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN74ALVC3651PCB
Giải thích chi tiết về linh kiện  2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC3651PCB bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN74ALVC3651PCB Datasheet HTML 3Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 4Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 5Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 6Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 7Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 8Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 9Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 10Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SN74ALVC3651
2048
× 36
SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SDMS025A – OCTOBER 1999 – REVISED DECEMBER 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial load
To program the X and Y registers serially, the device is reset with FS0/SD and FS1/SEN high during the
low-to-high transition of RST. After this reset is complete, the X-and Y-register values are loaded bitwise through
FS0/SD on each low-to-high transition of CLKA that FS1/SEN is low. Twenty-two bit writes are needed to
complete the programming. The first bit write stores the most-significant bit of the Y register and the last bit write
stores the least-significant bit of the X register. Each register value can be programmed from 1 to 2044.
When the option is chosen to program the offset registers serially, the IR flag remains low until all register bits
are written. The IR flag is set high by the low-to-high transition of CLKA after the last bit is loaded, to allow normal
FIFO operation.
FIFO write/read operation
The state of the port-A data (A0–A35) outputs is controlled by the port-A chip select (CSA) and the port-A
write/read select (W/RA). The A0–A35 outputs are in the high-impedance state when either CSA or W/RA is
high. The A0–A35 outputs are active when both CSA and W/RA are low.
Data is loaded into the FIFO from the A0–A35 inputs on a low-to-high transition of CLKA when CSA and the
port-A mailbox select (MBA) are low, W/RA, the port-A enable (ENA), and the IR flag are high (see Table 2).
Writes to the FIFO are independent of any concurrent FIFO reads.
Table 2. Port-A Enable Function Table
CSA
W/RA
ENA
MBA
CLKA
A0–A35 OUTPUTS
PORT FUNCTION
H
X
X
X
X
In high-impedance state
None
L
H
L
X
X
In high-impedance state
None
L
H
H
L
↑
In high-impedance state
FIFO write
L
H
H
H
↑
In high-impedance state
Mail1 write
L
L
L
L
X
Active, mail2 register
None
L
L
H
L
↑
Active, mail2 register
None
L
L
L
H
X
Active, mail2 register
None
L
L
H
H
↑
Active, mail2 register
Mail2 read (set MBF2 high)
The port-B control signals are identical to those of port A, with the exception that the port-B write/read select
(W/RB) is the inverse of the W/RA. The state of the port-B data (B0–B35) outputs is controlled by the port-B
chip select (CSB) and W/RB. The B0–B35 outputs are in the high-impedance state when either CSB is high or
W/RB is low. The B0–B35 outputs are active when CSB is low and W/RB is high.
Data is read from the FIFO to its output register on a low-to-high transition of CLKB when CSB and MBB are
low, W/RB, ENB, and the OR flag are high (see Table 3). Reads from the FIFO are independent of any concurrent
FIFO writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26