| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT3651PCB bảng dữ liệu(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3651PCB bảng dữ liệu(HTML) 15 Page - Texas Instruments |
|
15 / 26 page ![]() SN74ACT3651 2048 × 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY SCAS439D – JUNE 1994 – REVISED FEBRUARY 1999 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 CLKB IR B0 – B35 MBB ENB CSB W/RB OR CLKA CSA W/RA MBA ENA A0 – A35 tsu(EN) th(EN) tc th(EN) tsu(EN) tpd(C-IR) FIFO Full tc tsk(1)† ta FIFO Output Register Next Word From FIFO tw(CLKH) tw(CLKL) Write Low Low High Low High th(EN) tsu(EN) th(D) tsu(D) High tw(CLKH) tw(CLKL) tpd(C-IR) 12 † tsk(1) is the minimum time between a rising CLKB edge and a rising CLKA edge for IR to transition high in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tsk(1), then IR can transition high one CLKA cycle later than shown. Figure 7. IR-Flag Timing and First Available Write When the FIFO Is Full |