công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M2113PCFG bảng dữ liệu(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

tên linh kiện M2113PCFG
Giải thích chi tiết về linh kiện  LED Tipped Actuators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Trang chủ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2113PCFG bảng dữ liệu(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2113PCFG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
LED Tipped Actuators
Series M2100
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
G
CONTACT MATERIALS & RATINGS
Complete explanation of operating range in Supplement section.
TERMINALS
Solder Lug with
Turret LED Terminal
01
Straight PC with
Turret LED Terminal
03
Straight PC with Bracket
& Turret LED Terminal
13
Right Angle PC
30
Optional Hardware: Knurled nuts, dress nuts, and ON-OFF plates are available; see details in Accessories & Hardware section.
Single Pole
Double Pole
Quick Connect
02
Single color LED
switch does not
have terminal 5.
Single color LED
switch does not
have terminal 8.
Single color LED
switch does not
have terminal 5.
STANDARD MOUNTING HARDWARE
AT513H
Hexagon Nuts (2 per switch)
Material: Brass with nickel plating
AT507H
Locking Ring (1 per switch)
Material: Steel with chromate over zinc
AT509
Lockwasher (1 per switch)
Material: Steel with chromate over zinc
Epoxy Seal
(6.35)
.250
(4.8)
.189
(4.8)
.189
(1.17)
.046
(4.0)
.157
(2.0)
.079
(1.1)
.043
(2.0)
.079
Thk = (0.8) Typ
.031
Epoxy Seal
(6.35)
.250
(4.8)
.189
(4.8)
.189
Thk = (0.8) Typ
.031
(1.17) Typ
.046
Epoxy Seal
(6.35)
.250
(4.8)
.189
(4.8)
.189
Thk = (0.8) Typ
.031
(1.57) Typ
.062
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
(4.8) Typ
.189
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
6
5
4
7
8
9
2
1
4
5
6
3
(1.6) Typ
.063
(2.4) Typ
.095
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
CL
(3.81)
.150
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(16.4)
.646
(2.54) Typ
.100
4
5
6
(9.0)
.354
(1.5)
.059
(8.0)
.315
1/4-40 Thd
(2.0)
.079
(5.5) or
.229
(6.35) Dia
.250
(12.0) Dia
.472
(1.7)
.067
(0.8)
.031
(0.5)
.020
(6.4) Dia
.252
(10.2) Dia
.402



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com