| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0470 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0470 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 37 page ![]() Debug module (DM) UM0470 22/37 4.5 Software breakpoint mode Software breakpoint mode is reserved for debugging tools to insert breakpoints into user code by substituting a user instruction with a software break (reserved BKPT instruction #8b). Software breakpoint mode is enabled using the SWBKPE bit in the DM control/status register 2 (DM_CSR2). When a BKPT instruction is decoded, the CPU is stalled and the STALL and SWBKF bits are set by hardware to indicate that a software breakpoint has occurred. To resume execution, the debugger must restore the user's instruction, then set the FLUSH bit and clear the STALL bit. |