công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0034 bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện UM0034
Giải thích chi tiết về linh kiện  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 30Page - STMicroelectronics UM0034 Datasheet HTML 31Page - STMicroelectronics UM0034 Datasheet HTML 32Page - STMicroelectronics UM0034 Datasheet HTML 33Page - STMicroelectronics UM0034 Datasheet HTML 34Page - STMicroelectronics UM0034 Datasheet HTML 35Page - STMicroelectronics UM0034 Datasheet HTML 36Page - STMicroelectronics UM0034 Datasheet HTML 37Page - STMicroelectronics UM0034 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Glossary
ST7-EMU3 series emulator
34/39
PC (Program counter)
The CPU register that holds the address of the next instruction or operand that the
CPU will use.
PLD (Programmable logic device)
An integrated circuit that can be programmed to perform complex functions.
PQFP (Plastic quad flat package)
A family of integrated circuit packages for surface mounted assembly. This type is
packaged with plastic, has a square flat shape and pins on all four sides.
RC network (Resistor-capacitor network)
A combination of resistors and capacitors in a circuit that are typically used to control or
minimize voltage spikes.
Read/Write on the fly
A feature that allows you to perform a non-intrusive read or write of a variable during
emulation (i.e. while program running). The variable may be 8, 16 or 32 bits in size and
can be located anywhere in the emulation memory (up to 64 kilobytes) except for the
hardware register (peripherals) and internal system (A, X, Y, PC, CC and SP). The
Read/Write on the fly option is available in both the Memory window and Watch window
of STVD7.
SDIP (Shrink dual in-line package)
A type of device package with two rows of pins for thru-hole mounting.
SO (Small outline)
A type of device package with two rows of pins for SMD or socket mounting.
STVD7 (ST7 visual develop)
A software package that allows you to debug applications destined for the ST7 family of
MCUs, either using a built-in simulator function, a development or an emulator.
STVP7 (ST7 visual programmer)
A software application that allows you to program ICC-enabled microcontrollers using
an ICC link for an emulator or a development.
Target device
The ST7 devices that you have chosen for your application microcontroller and that you
will emulate or program.
TEB (Target emulation board)
A target emulation board for the EMU3 series of emulators. A printed board having
connector pins that, when plugged into the dedicated emulation board (DEB) of the
EMU3 probe, allows you to connect the EMU3 probe to the MCU socket of the user
application board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com