| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0034 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0034 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 39 page ![]() Troubleshooting ST7-EMU3 series emulator 30/39 Appendix B Troubleshooting The following table gives a list of error messages that may occur when using STVD7 and your EMU3 Emulator. If the instructions in this table don’t resolve the problem, contact STMicroelectronics Product Support (see page 36). Detailed error messages are logged in Err.log —your STMicroelectronics support representative may ask you to send this file in order to resolve the problem quickly. Table 5. Error messages If the following error occurs: Then... Error 10025 Emulator initialization error This error occurs when one of the software files needed by STVD7 in order to initialize the emulator is missing or damaged. Check that: ● STVD7 has been properly installed—re-install STVD7 if in doubt. ● Any necessary firmware upgrades have been performed—see Section 4.6 on page 23. If this error persists, contact STMicroelectronics Product Support. Error 20004 Communication initialization error This error only occurs when STVD7 cannot initialize the emulator during startup (when you click the Debug button to load your application into the emulator). Ensure that: ● The parallel cable is connected between the ST Micro Connect box and to the PC parallel port (LPT1 or LPT2) that you specified when installing STVD7. ● You have not placed any switch boxes between the parallel port connector of your PC and the ST Micro Connect box. ● The ST Micro Connect box is powered on. ● The parallel cable used is the one supplied with the by STMicroelectronics. If none of the above items has been overlooked, this may mean that your parallel port connection needs to be reconfigured. Please refer to Section 3.1.2 on page 10. Error 20013 Communication error This means that the communication link between STVD7 and your emulator has been broken while STVD7 has been in use. Check that: ● The parallel cable is connected between the ST Micro Connect box and one of the PC’s parallel ports (LPT1 or LPT2). Note that the use of switch boxes between the parallel port connector of your PC and the ST Micro Connect box is not recommended. ● The ST Micro Connect box is powered on. |