công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF3ICD21 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện MF3ICD21
Giải thích chi tiết về linh kiện  MIFARE DESFire EV1 contactless multi-application IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MF3ICD21 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button MF3ICD21 Datasheet HTML 4Page - NXP Semiconductors MF3ICD21 Datasheet HTML 5Page - NXP Semiconductors MF3ICD21 Datasheet HTML 6Page - NXP Semiconductors MF3ICD21 Datasheet HTML 7Page - NXP Semiconductors MF3ICD21 Datasheet HTML 8Page - NXP Semiconductors MF3ICD21 Datasheet HTML 9Page - NXP Semiconductors MF3ICD21 Datasheet HTML 10Page - NXP Semiconductors MF3ICD21 Datasheet HTML 11Page - NXP Semiconductors MF3ICD21 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MF3ICD21_41_81_SDS_2
© NXP B.V. 2009. All rights reserved.
Product short data sheet
Rev. 02 — 6 March 2009
8 of 15
NXP Semiconductors
MF3ICD21, MF3ICD41, MF3ICD81
MIFARE DESFire EV1 contactless multi-application IC
9.3 MIFARE DESFire EV1 command set overview – security related
commands
Remark: All command and data frames are exchanged between MIFARE DESFire EV1
and PCD by using block format as defined in ISO/IEC 14443-4.
9.4 MIFARE DESFire EV1 command set overview – MIFARE DESFire EV1
level commands
Remark: All command and data frames are exchanged between MIFARE DESFire EV1
and PCD by using block format as defined in ISO/IEC 14443-4.
Table 6.
Security related commands
Command
Description
Authenticate
MIFARE DESFire EV1 and the reader device show in an encrypted way
that they possess the same secret which especially means the same key;
this not only confirms that both entities are permitted to perform
operations on each other but also creates a session key which can be
used to keep the further communication path secure; as the name
“session key” implicitly indicates, each time a new authentication
procedure is successfully completed a new key for further cryptographic
operations is generated
Change KeySettings
changes the master key settings on MIFARE DESFire EV1 and
application level
Set Configuration
configures the card and pre-personalizes the card with a key, defines if
the UID or the random ID is sent back during communication setup and
configures the ATS string
Change Key
changes any key stored on the MIFARE DESFire EV1
Get Key Version
reads out the current key version of any key stored on the MIFARE
DESFire EV1
Table 7.
Level commands
Command
Description
Create Application
creates new applications on the MIFARE DESFire EV1
Delete Application
permanently deactivates applications on the MIFARE DESFire EV1
Get Applications IDs
returns the Application IDentifiers of all applications on a MIFARE
DESFire EV1
Free Memory
returns the free memory available on the card
GetDFNames
returns the DF names
Get KeySettings
gets information on the MIFARE DESFire EV1 and application master
key settings; in addition it returns the maximum number of keys which
are configured for the selected application
Select Application
selects one specific application for further access
FormatMF3ICD81
releases the MF3ICD81 user memory
Get Version
returns manufacturing related data of the MIFARE DESFire EV1
GetCardUID
returns the UID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15