công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF3ICD21 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện MF3ICD21
Giải thích chi tiết về linh kiện  MIFARE DESFire EV1 contactless multi-application IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MF3ICD21 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button MF3ICD21 Datasheet HTML 3Page - NXP Semiconductors MF3ICD21 Datasheet HTML 4Page - NXP Semiconductors MF3ICD21 Datasheet HTML 5Page - NXP Semiconductors MF3ICD21 Datasheet HTML 6Page - NXP Semiconductors MF3ICD21 Datasheet HTML 7Page - NXP Semiconductors MF3ICD21 Datasheet HTML 8Page - NXP Semiconductors MF3ICD21 Datasheet HTML 9Page - NXP Semiconductors MF3ICD21 Datasheet HTML 10Page - NXP Semiconductors MF3ICD21 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MF3ICD21_41_81_SDS_2
© NXP B.V. 2009. All rights reserved.
Product short data sheet
Rev. 02 — 6 March 2009
7 of 15
NXP Semiconductors
MF3ICD21, MF3ICD41, MF3ICD81
MIFARE DESFire EV1 contactless multi-application IC
9.
DESFire command set
A detailed description of all commands is provided in Ref. 1.
9.1 ISO/IEC 14443-3
9.2 ISO/IEC 14443-4
Table 4.
ISO/IEC 14443-3
Command
Description
REQA
REQA and ATQA are implemented fully
according to ISO/IEC 14443-3
WUPA
WUPA is implemented fully according to ISO/IEC
14443-3
ANTICOLLISION/SELECT Cascade Level 1
ANTICOLLISION and SELECT commands are
implemented fully according to ISO/IEC 14443-3;
the response is part 1 of the UID
ANTICOLLISION/SELECT Cascade Level 2
ANTICOLLISION and SELECT commands are
implemented fully according to ISO/IEC 14443-3;
the response is part 2 of the UID
HALT
brings MIFARE DESFire EV1 to the HALT state
Table 5.
ISO/IEC 14443-4
Command
Description
RATS
identifies the MIFARE DESFire EV1 type to the PCD
PPS
allows individual selection of the communication baud rate between PCD and
MIFARE DESFire EV1; for DESFire it is possible to set different
communication baud rates for each direction i.e. DESFire allows a
non-symmetrical information interchange speed.
WTX
if the MIFARE DESFire EV1 needs more time than the defined FWT to
respond to a PCD command it requests a Waiting Time eXtension (WTX)
DESELECT
allows MIFARE DESFire EV1 to be brought to the HALT state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15