công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMS-30LCDA-4/20S-C. bảng dữ liệu(PDF) 5 Page - Murata Power Solutions Inc.

tên linh kiện DMS-30LCDA-4/20S-C.
Giải thích chi tiết về linh kiện  Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-30LCDA-4/20S-C. bảng dữ liệu(HTML) 5 Page - Murata Power Solutions Inc.

  DMS-30LCDA-4/20S-C. Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMS-30LCDA-4/20I (Inverse Reading)
The DMS-30LCDA-4/20I is designed to accommodate applications where
an
increasing loop current produces a decreasing display reading. That
is, as the loop current is increased from 4mA to 20mA, the display will read
a user determined full-scale positive number at 4mA and then decrease to
“000” at 20mA. The ‘4/20I’ model is essentially a ‘-4/20S’ model operating
in reverse. Table 5 and the two examples that follow describe the operation
of this model in greater detail.
The first step when configuring the DMS-30LCDA-4/20I for the first time,
or when changing to a different range, is to set both R3 and R7 to their full
clockwise positions, roughly 22 turns. Next, using the desired display read-
ings, select the appropriate DIP-switch setting number from Table 5.
Examples (DMS-30LCDA-4/20I, Inverse Reading)
1. Desired display readings are:
4mA = “6.00”
20mA = “0.00”
Use DIP-switch setting #3 in Table 5 and enable decimal point DP2 via SW7.
Apply 20mA and adjust R3 so the display reads “0.00”. Apply 4mA and
adjust R7 so the display reads “6.00”.
2. Desired display readings are:
4mA = “800”
20mA = “000”
Use DIP-switch setting #2 in Table 5. Apply 20mA and adjust R3 so the
display reads “000”. Apply 4mA and adjust R7 so the display reads “800”.
For these display readings, no decimal points are used. Set SW6, SW7 and
SW8 to OFF.
Table 5. DMS-30LCDA-4/20I (Inverse Reading) DIP Switch Settings
Desired Display Reading
4mA
20mA
SW1
SW2
SW3
SW4
SW5
1. 1999 to 1300
000
Off
Off
Off
Off
NA
2. 1300 to 850
000
On
Off
Off
Off
NA
3. 850 to 550
000
Off
On
Off
Off
NA
4. 550 to 350
000
Off
Off
On
Off
NA
5. 350 to 200
000
On
On
On
Off
NA
6. 200 to 130
000
On
On
On
On
NA
Table 6. Decimal Point Selections (All Models)
To turn on a decimal point, place its respective DIP switch to the fully ON position.
SW6
SW7
SW8
DP1
DP2
DP3
5
6
7
8
1
2
3
4
ON
5
6
7
8
1
2
3
4
ON
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES:
2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
WIRE SIZE:
18 to 26 AWG
(Solid or stranded)
STRIPPING LENGTH:
0.20" (5.08mm)
MECHANICAL SPECIFICATIONS
� � � �
� � � � � �
� � � �
� � � � � �
� � � � �
� � � � � �
� � � �
� � � � � �
� � � �
� � � � � �
� � � �
� � � � � �
� � � � �
� � � � � �
� � � � �
� � � � � �
DIP
Switches
Gain
Adjust
Zero
Adjust
+ –
Loop
Input
DP2
(SW7)
DP3
(SW8)
DP1
(SW6)
Back View
Front View
1
R3
Zero
Adjust
R7
Gain
Adjust
5
6
7
8
1
2
3
4
ON
+
–
TB1
DMS-30LCDA-4/20 Series
Loop-Powered, 1.8V Drop, 4-20mA Process
Monitors with Full-Size LCD Displays
MPM_DMS30-LCDA.B02 Page 5 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com