công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMS-30LCDA-4/20S-C. bảng dữ liệu(PDF) 3 Page - Murata Power Solutions Inc.

tên linh kiện DMS-30LCDA-4/20S-C.
Giải thích chi tiết về linh kiện  Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-30LCDA-4/20S-C. bảng dữ liệu(HTML) 3 Page - Murata Power Solutions Inc.

  DMS-30LCDA-4/20S-C. Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-30LCDA-4/20S-C. Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Table 2. DMS-30LCDA-4/20B (Standard Unipolar) DIP Switch Settings
NOTE: If a display reading other than “000” to “1000” is desired,
refer to DIP-Switch Settings Table 2 for SW1-SW5 settings
1. Desired display readings are:
4mA ="0.00"
20mA = "6.00"
Use DIP-switch setting #3 in Table 2 and enable decimal point DP2 via SW7.
Apply 4mA and adjust R3 so the display reads “0.00”. Apply 20mA and
adjust R7 so the display reads “6.00”.
2. Desired display readings are:
4mA =" 000"
20mA = "800"
Use DIP-switch setting #2 in Table 2. Apply 4mA and adjust R3 so the display
reads “000”. Apply 20mA and adjust R7 so the display reads “800”. For
these display readings, no decimal points are used. Set SW6, SW7 and SW8
to OFF.
3. Desired display readings are:
4mA = ".000"
12mA = ".250"
This example is not as straightforward as the previous two. Notice that 12mA
is exactly halfway between 4mA and 20mA. If we assume that the input could
go up to 20mA, the display reading would then be: 2 x .250 or “.500”. From
Table 2 we can now select DIP-switch setting #3 and enable DP1 via SW6.
Apply 4mA and adjust R3 so the display reads “.000”. Apply 12mA and
adjust R7 so the display reads “.250”.
Examples (DMS-30LCDA-4/20S, Unipolar)
DMS-30LCDA-4/20B (Bipolar-Reading )
The DMS-30LCDA-4/20B’s zero-offset circuit differs from the unipolar ‘S’
model described above in that with the ‘B’ model, a half-scale 12mA input is
typically set to display “000”. Therefore, all of the of the DIP-switch settings in
Table 3 assume a reading of “000” is desired with a half-scale 12mA input.
Display readings other than those shown in Table 3 are possible, contact
DATEL for more information.
Desired Display Reading
4mA 20mA
SW1
SW2
SW3
SW4
SW5
1. 000 to 1200 to 1999
Off
Off
Off
Off
Off
2. 000 to 600 to 1200
On
Off
Off
Off
Off
3. 000 to 400 to 600
Off
Off
On
Off
Off
4. 000 to 200 to 400
On
On
On
Off
Off
5. 000 to 100 to 200
On
On
On
On
Off
Table 3. DMS-30LCDA-4/20B (Bipolar) DIP Switch Settings
Desired Display Reading
4mA
12mA
20mA
SW1
SW2
SW3
SW4
SW5
1. –600 to –1000 000
600 to 1000
Off
Off
Off
NA
NA
2. –350 to –650
000
350 to 650
On
Off
Off
NA
NA
3. –250 to –400
000
250 to 400
Off
On
Off
NA
NA
4. –150 to –250
000
150 to 250
Off
Off
On
NA
NA
5. –100 to –150
000
100 to 150
On
On
On
NA
NA
4. Apply a precision 20mA input and adjust R7 until the display reads “1800”.
Repeat steps 3 and 4 to make sure the adjustments do not affect one
another.
5. Select the appropriate decimal point by setting SW6, SW7 or SW8 to ON
(DP1, DP2 or DP3 respectively).
�
�
�
�
�
�
��
��
�
�
�
�
�
�
��
��
�
�
�
�
�
�
��
��
When configuring the DMS-30LCDA-4/20B for the first time, or when selecting a
new range, set both R3 and R7 fully clockwise (roughly 22 turns) to their minimum
offset/minimum-span positions, respectively. Then select the desired readings from
Table 3 and configure DIP-switches SW1, SW2, and SW3 accordingly. Please note,
positions SW4 and SW5 are not used in bipolar ‘B’ models.
The procedure below illustrates how to calibrate the DMS-30LCDA-4/20B to its
factory-calibrated readings of “-1000” with a 4mA input and “1000” with a 20mA
input. When performing DIP-switch settings, be sure the DIP-switch’s small actuators
are firmly engaged in their fully ON or fully OFF positions.
1. Set both R3 and R7 fully clockwise.
2. Select DIP-switch setting #1 from Table 3.
3. Apply a precision 12mA input and adjust R3 until the meter’s display reads “000”.
4. Apply a precision 20mA input and adjust R7 until the meter’s display reads “1000”.
5. Apply a precision 4mA input and the display should read “-1000”. Repeat steps 3
and 4 to make sure the two adjustments did not affect one another.
1. Desired display readings are:
4mA ="–1.00"
20mA = "1.00"
Use DIP-switch setting #5 in Table 3 and enable decimal point DP2 via SW7.
Apply 12mA and adjust R3 so the display reads “0.00”. Apply 20mA and
adjust R7 so the display reads “1.00”. Apply 4mA and verify that the display
reads “-1.00”, readjust R3 and R7 if necessary.
2. Desired display readings are:
4mA =" –450"
20mA = "450"
Use DIP-switch setting #2 in Table 3. Apply 12mA and adjust R3 so the
display reads “000”. Apply 20mA and adjust R7 so the display reads “450”.
Apply 4mA and verify that the display reads “-450”. Repeat adjustment pro-
cedure if necessary. For these display readings, no decimal points are used.
Set SW6, SW7and SW8 to OFF.
Examples (DMS-30LCDA-4/20B, Bipolar )
�
�
�
�
�
�
��
��
�
�
�
�
�
�
��
��
DMS-30LCDA-4/20 Series
Loop-Powered, 1.8V Drop, 4-20mA Process
Monitors with Full-Size LCD Displays
MPM_DMS30-LCDA.B02 Page 3 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com