| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430 bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430 bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 31 page ![]() MSP430x11x MIXED SIGNAL MICROCONTROLLERS SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004 24 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematic (continued) Port P2, P2.5, input/output with Schmitt-trigger and ROSC function for the Basic Clock module EN D See Note 1 See Note 2 See Note 2 See Note 1 GND VCC P2.5 0 1 0 1 Interrupt Edge Select EN Set Q P2IE.5 P2IFG.5 P2IRQ.5 Interrupt Flag P2IES.5 P2SEL.5 Module X IN P2IN.5 P2OUT.5 Module X OUT Direction Control From Module P2DIR.5 P2SEL.5 Pad Logic NOTE: DCOR: Control bit from basic clock module if it is set, P2.5 is disconnected from P2.5 pad Bus Keeper 0 1 0 1 VCC Internal to Basic Clock Module DCOR DC Generator 0: Input 1: Output PnSel.x PnDIR.x Director Control from module PnOUT.x Module X OUT PnIN.x Module X IN PnIE.x PnIFG.x PnIES.x P2Sel.5 P2DIR.5 P2DIR.5 P2OUT.5 VSS P2IN.5 unused P2IE.5 P2IFG.5 P2IES.5 NOTES: 1. Optional selection of pullup or pulldown resistors with ROM (masked) versions. 2. Fuses for optional pullup and pulldown resistors can only be programmed at the factory. |