| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 31 page ![]() MSP430x11x MIXED SIGNAL MICROCONTROLLERS SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 watchdog timer The primary function of the watchdog timer (WDT) module is to perform a controlled system restart after a software problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog function is not needed in an application, the module can be configured as an interval timer and can generate interrupts at selected time intervals. timer_A3 Timer_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3 can support multiple capture/compares, PWM outputs, and interval timing. Timer_A3 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Timer_A3 Signal Connections Input Pin Number Device Input Signal Module Input Name Module Block Module Output Signal Output Pin Number 13 - P1.0 TACLK TACLK ACLK ACLK Timer NA SMCLK SMCLK Timer NA 9 - P2.1 INCLK INCLK 14 - P1.1 TA0 CCI0A 14 - P1.1 10 - P2.2 TA0 CCI0B CCR0 TA0 18 - P1.5 DVSS GND CCR0 TA0 10 - P2.2 DVCC VCC 15 - P1.2 TA1 CCI1A 15 - P1.2 11 - P2.3 TA1 CCI1B CCR1 TA1 19 - P1.6 DVSS GND CCR1 TA1 11 - P2.3 DVCC VCC 16 - P1.3 TA2 CCI2A 16 - P1.3 ACLK (internal) CCI2B CCR2 TA2 20 - P1.7 DVSS GND CCR2 TA2 12 - P2.4 DVCC VCC |