công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STF28-461/KH bảng dữ liệu(PDF) 9 Page - Crane Aerospace & Electronics.

tên linh kiện STF28-461/KH
Giải thích chi tiết về linh kiện  STF28-461 EMI Input Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRANE [Crane Aerospace & Electronics.]
Trang chủ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

STF28-461/KH bảng dữ liệu(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button STF28-461/KH Datasheet HTML 2Page - Crane Aerospace & Electronics. STF28-461/KH Datasheet HTML 3Page - Crane Aerospace & Electronics. STF28-461/KH Datasheet HTML 4Page - Crane Aerospace & Electronics. STF28-461/KH Datasheet HTML 5Page - Crane Aerospace & Electronics. STF28-461/KH Datasheet HTML 6Page - Crane Aerospace & Electronics. STF28-461/KH Datasheet HTML 7Page - Crane Aerospace & Electronics. STF28-461/KH Datasheet HTML 8Page - Crane Aerospace & Electronics. STF28-461/KH Datasheet HTML 9Page - Crane Aerospace & Electronics. STF28-461/KH Datasheet HTML 10Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
tEst PERFoRMEd
sPaCE
PRototyPE o
Class
Class
(End ItEM lEvEl)
non
-QMl1
H, QMl
K, QMl
Non-destruct bond pull2
Method 2023
no
yes3
yes
Pre-cap Inspection
Method 2017, 2032
yes
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to 150°C, ambient
yes
yes
yes
Constant Acceleration
Method 2001, 3000 g
yes
yes
yes
PIND Test
Method 2020, Cond. A
no
yes3
yes
Pre burn-in test
yes
yes
yes
Burn-in
Method 1015, 125°C case, typical
96 hours
yes
no
no
160 hours
no
yes
no
2 x 160 hour (includes mid BI test)
no
no
yes
Final electrical test MIL-PRF-38534
Group A, Subgroups 1 through 6
-55°C, +25°C, +125°C case
yes
yes
yes
Radiography
Method 2012
N/A
N/A
yes
Post Radiography Electrical Test
Room temperature
N/A
N/A
yes3
Hermeticity test
Fine Leak, Method 1014, Cond. A
yes
yes
yes
Gross Leak, Method 1014, Cond. C
yes
yes
yes
Final visual inspection
Method 2009
yes
yes
yes
Class H and K, MIl-PRF-38534 EnvIRonMEntal sCREEnIng
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. Space Prototype (O), non-QML products, do not meet all of the requirements of MIL-PRF-38534.
2. Not applicable to EMI filters that have no wirebonds.
3. Not required by DSCC but performed to assure product quality.
Crane Aerospace & Electronics Power Solutions
STF28-461 EMI Input Filters
Page 9 of 10
Rev A - 20070509
28 VOlT INPuT – 0.8 aMP
www.craneae.com



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com