công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STF28-461/HH bảng dữ liệu(PDF) 2 Page - Crane Aerospace & Electronics.

tên linh kiện STF28-461/HH
Giải thích chi tiết về linh kiện  STF28-461 EMI Input Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRANE [Crane Aerospace & Electronics.]
Trang chủ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

STF28-461/HH bảng dữ liệu(HTML) 2 Page - Crane Aerospace & Electronics.

  STF28-461/HH Datasheet HTML 1Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 2Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 3Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 4Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 5Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 6Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 7Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 8Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Operating COnditiOns and CharaCteristiCs
Input Voltage Range
• 0 to 50 VDC continuous
lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• -65°C to +150°C
Case Operating Temperature (Tc)
• -55°C to +125°C full power
Derating Input/Output Current
• Derate linearly from 100% at 125°C to 0% at 135°C
case.
Capacitance
• 0.045 µF max, any pin to case
Isolation
• 100 megohm minimum at 500 VDC
• Any pin to case, except case pin
meChaniCal and envirOnmental
Size (maximum)
0.980 x 0.805 x 0.270 (24.89 x 20.45 x 6.86 mm)
See case A1 for dimensions.
Weight (maximum)
10.3 grams typical, 11.5 grams maximum
Screening
Space Prototype (O), Class H, or Class K
Radiation tolerant to Radiation Hardness Assurance (RHA)
levels of “-” (O) or “H”, per MIL-STD-38534. Interpoint model
numbers use an “O” in the RHA designator position to indicate
the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-
38534, which is defined as “no RHA”.
See “Class H and K, MIL-PRF-38534 Screening” tables for more
information. Available configurations: OO, HH, KH
2 �F
6800 pF
500 V
6800 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
STF28-461
>285 �H
6 �H
2 �F
20 �
20 �
0.65 �
6 �H
6800 pF / 500 V
6800 pF / 500 V
x 2
x 2
The case ground connection between the filter and the converter should be as low an impe
ance as possible to minimize EMI. Direct contact of baseplate to chassis ground provides the
Figure 1: SChematiC – typiCal ValueS
RL
Positive
Output
STF28-461
Positive
Input
Input
Common
Case
Ground
Output
Common
C
R
DC/DC Converter
Input
Common
Case
Ground
Output
Common
RL
Multiple units
allowed up to
rated output current.
Positive
Input
Positive
Output
The RC output is an optional
damping circuit. It is recommended in
applications where 80 volt line
transients may occur with rise times
<50 �S.
C = 6 �F Ceramic
R = 2.2 , 5%, 1/4 W, Carbon comp.
Figure 2: Damping CirCuit
Crane Aerospace & Electronics Power Solutions
STF28-461 EMI Input Filters
Page 2 of 10
Rev A - 20070509
28 VOlT INPuT – 0.8 aMP
www.craneae.com



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com