công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STF28-461/HH bảng dữ liệu(PDF) 1 Page - Crane Aerospace & Electronics.

tên linh kiện STF28-461/HH
Giải thích chi tiết về linh kiện  STF28-461 EMI Input Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRANE [Crane Aerospace & Electronics.]
Trang chủ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

STF28-461/HH bảng dữ liệu(HTML) 1 Page - Crane Aerospace & Electronics.

  STF28-461/HH Datasheet HTML 1Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 2Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 3Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 4Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 5Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 6Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 7Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 8Page - Crane Aerospace & Electronics. STF28-461/HH Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DESCRIPTION
The STF28-461™ EMI filter module has been designed as
a companion for Interpoint SMSA flyback power converters.
Multiple SMSA power converters can be operated from a single
filter provided the total power line current does not exceed the
filter maximum rating. The STF filter will reduce the SMSA’s
power line reflected ripple current to within the limit of MIL-STD-
461C, Method CE03. The STF filter is fabricated using thick film
hybrid technology and is sealed in a metal package for space,
military, aerospace and other applications requiring EMI suppres-
sion.
OperatiOn
The SMSA power converter has an internal 2 µF ceramic
capacitor across its input power terminals. When the SMSA
and STF filters are used together, this capacitor becomes part
of the filter and forms its final LC output section. The STF filter
provides both differential and common mode rejection bringing
DC/DC converters into compliance with MIL-STD-461C CE03. It
is designed to be used with the SMSA, SMHF, and SLH Series
of converters. The STF filter can be used with multiple converters
up to the rated current of the filter. For more information, contact
your Interpoint representative.
For SMHF and SLH converters a 4 µF (or greater) ceramic cap
is needed between the filter and converter to complete the last
inductive stage of this STF filter. This will ensure unconditional
stability when used with the SMHF or SLH. The SMSA does not
require this.
OptiOnal Damping CirCuit
The optional damping circuit (Figure 2) can be used to prevent
filter overshoot caused by MIL-STD-704A 80 V, or other, tran-
sients having rise times of less than 200 µSec. This damping can
be alternately provided with a 1.50 V resistor in series with the
filter positive input where the additional line loss can be tolerated.
For transients with rise times of greater than 200 µSec, there is
no overshoot and the damping circuit is not required.
SCreening
The STF28-461 filter offers three screening options: Space
Prototype (O), Class H, or Class K. Radiation tolerant to
Radiation Hardness Assurance (RHA) levels of “-” (O) or “H”,
per MIL-STD-38534. Interpoint model numbers use an “O” in
the RHA designator position to indicate the “-” (dash) Radiation
Hardness Assurance level of MIL-PRF-38534, which is defined
as “no RHA”. See “Class H and K, MIL-PRF-38534 Screening”
tables, for descriptions.
FEaTuRES
• Fully qualified to Class H or K
• Passive components used for maximum tolerance in
space environments
• -55°C to +125°C operation
• Nominal 28 V input, 0 V to 50 V operation
• Up to 0.8 A throughput current
• 55 dB attenuation typical at 500KHz
• Compliant to MIL-STD-461C CE-03
• Compatible with MIL-STD-704 A-E 28 VDC power bus
input VOltage
anD
Current
Input (V)
28
Current (A)
0.8
Crane Aerospace & Electronics Power Solutions
STF28-461 EMI Input Filters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 10
Rev A - 20070509
28 VOlT INPuT – 0.8 aMP


Số phần tương tự - STF28-461/HH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
STF28-461/HH INTERPOINT-STF28-461/HH Datasheet
498Kb / 10P
STF28-461 EMI Input Filters
More results

Mô tả tương tự - STF28-461/HH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
EMI INPUT FILTERS 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
SFCS28-461 CRANE-SFCS28-461 Datasheet
352Kb / 9P
SFCS28-461 EMI Input Filters
SFMC28-461 CRANE-SFMC28-461 Datasheet
440Kb / 11P
SFMC28-461 EMI Input Filters
logo
Vicor Corporation
QPI-9L VICOR-QPI-9L Datasheet
151Kb / 1P
VI Chip Input EMI Filters
logo
Interpoint Corporation ...
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
EMI Input Filters 28 Volt input ??8 Amp
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
EMI Input Filters 28 Volt input ??7 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
EMI Input Filters 28 Volt Input ??15 Amp
STF28-461 INTERPOINT-STF28-461_07 Datasheet
498Kb / 10P
STF28-461 EMI Input Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com