| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D68H8D bảng dữ liệu(PDF) 4 Page - Frequency Devices, Inc. |
|
|
|||||||||||||||||||||||||||||
D68H8D bảng dữ liệu(HTML) 4 Page - Frequency Devices, Inc. |
|
4 / 17 page ![]() Fixed Frequency D68 & DP68 Series 8-Pole High-Pass Filters 1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176 e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com 1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot. Model D68H8B D68H8E D68H8EX D68H8EY Product Specifications Transfer Function 8-Pole, Butterworth 8-Pole, 6 Zero, 8-Pole, 6 Zero, 8-Pole, 6 zero, Elliptic Elliptic Elliptic Size 1.8” x 0.8” x 0.3” 1.8” x 0.8” x 0.3” 1.8” x 0.8” x 0.3” 1.8” x 0.8” x 0.3” Range fc, fr D68 1 Hz to 100 kHz 1 Hz to 100 kHz 1 Hz to 100 kHz 1 Hz to 100 kHZ DP68 Not Available Not Available Not Available Not Available Theoretical Transfer Appendix A Appendix A Appendix A Appendix A Characteristics Page 29 Page 37 Page 36 Page 38 Passband Ripple 0.0 dB ± 0.035 dB -0.05 dB -0.05 dB (theoretical) Voltage Gain 0 ± 0.2 dB to 100 kHz 0 ± 0.2 dB to 100 kHz 0 ± 0.2 dB to 100 kHz 0 ± 0.2 dB to 100 kHz (non-inverting) 0 ± 0.5 dB to 120 kHz 0 ± 0.5 dB to 120 kHz 0 ± 0.5 dB to 120 kHz 0 ± 0.5 dB to 120 kHz Stopband Attenuation Rate 48 dB/octave 80 dB 80 dB 100 dB Power Bandwidth 120 kHz 120 kHz 120 kHz 120 kHz Small Signal Bandwidth (-6dB) 1 MHz (-6dB) 1 MHz (-6dB) 1 MHz (-6dB) 1 MHz Cutoff Frequency fc ± 1% max. fr ± 1% max. fr ± 1% max. fr ± 2% max. Stability ± 0.01% /°C ± 0.01% /°C ± 0.01% /°C ± 0.01% /°C Amplitude -3 dB -0.035 dB` -0.05 dB -0.05 dB Phase -360° -323.5° -414° -419° Filter Attenuation 80.0 dB 0.31 fc 80.0 dB 0.56 fr 80.0 dB 0.64 fr 100.0 dB 0.50 fr (theoretical) 60.0 dB 0.42 fc 60.0 dB 0.60 fr 60.0 dB 0.69 fr 80.0 dB 0.55 fr 3.01 dB 1.00 fc 3.01 dB 0.88 fr 3.01 dB 0.95 fr 3.01 dB 0.94 fr 0.00 dB 2.00 fc 0.03 dB 1.00 fr 0.05 dB 1.00 fr 0.03 dB 1.00 fr 0.00 dB 2.00 fr 0.00 dB 2.00 fr 0.00 dB 2.00 fr Phase Match1 fc - 100 kHz ± 3° max. 0 - 1.25 fr ± 4° max. 0 - 1.25 fr ± 4° max. 0 - 1.25 fr ± 4° max. ± 1.5° typ. ± 2° typ. ± 2° typ. ± 2° typ. 1.25 fr-100 kHz ± 2° max. 1.25 fr-100 kHz ± 2° max. 1.25 fr-100 kHz ± 3° max. ± 1° typ. ± 1° typ. ± 1.5° typ. Amplitude Accuracy 1.0 - 1.25 fc ± 0.3 dB max. 1.00 - 1.25 fr ± 0.3 dB max. 1.00 - 1.25 fr ± 0.5 dB max. 1.00 - 1.25 fr ± 0.5 dB max (theoretical) ± 0.15 dB typ. ± 0.15 dB typ. ± 0.25 dB typ. ± 0.25 dB typ 1.25 fc-100 kHz± 0.2 dB max. 1.25 fr-100 kHz ± 0.2 dB max. 1.25 fr-100 kHz± 0.2 dB max. 1.25 fr-100 kHz ± 0.2 dB max. ± 0.1 dB typ. ±0 .1 dB typ. ±0 .1 dB typ. ±0 .1 dB typ. Total Harmonic Distortion @ 1 kHz D68 <-88 dB typ. <-88 dB typ. <-88 dB typ. <-88 dB typ. Wide Band Noise 400 mVrms 400 mVrms typ. 500 mVrms typ. 500 mVrms typ. (5 Hz - 2 MHz) Narrow Band Noise 100 mVrms typ. 100 mVrms typ. 150 mVrms typ. 150 mVrms typ. (20 Hz - 100 kHz) Filter Mounting Assembly FMA-01A FMA-01A FMA-01A FMA-01A 4 |