công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3406AB bảng dữ liệu(PDF) 8 Page - Linear Technology

tên linh kiện LTC3406AB
Giải thích chi tiết về linh kiện  1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3406AB bảng dữ liệu(HTML) 8 Page - Linear Technology

Back Button LTC3406AB Datasheet HTML 4Page - Linear Technology LTC3406AB Datasheet HTML 5Page - Linear Technology LTC3406AB Datasheet HTML 6Page - Linear Technology LTC3406AB Datasheet HTML 7Page - Linear Technology LTC3406AB Datasheet HTML 8Page - Linear Technology LTC3406AB Datasheet HTML 9Page - Linear Technology LTC3406AB Datasheet HTML 10Page - Linear Technology LTC3406AB Datasheet HTML 11Page - Linear Technology LTC3406AB Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3406AB
8
3406abfa
The basic LTC3406AB application circuit is shown on the
front page. External component selection is driven by the
load requirement and begins with the selection of L fol-
lowed by CIN and COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 1μH to 4.7μH. Its value is chosen based on the
desired ripple current. Large value inductors lower ripple
current and small value inductors result in higher ripple
currents. Higher VIN or VOUT also increases the ripple cur-
rent as shown in equation 1. A reasonable starting point for
setting ripple current is ΔIL = 240mA (40% of 600mA).
Δ= ()( )
⎝⎜
⎠⎟
I
fL
V
V
V
L
OUT
OUT
IN
1
1
(1)
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 720mA
rated inductor should be enough for most applications
(600mA + 120mA). For better efficiency, choose a low
DC-resistance inductor.
Inductor Core Selection
Different core materials and shapes will change the
size/current and price/current relationship of an induc-
tor. Toroid or shielded pot cores in ferrite or permalloy
materials are small and don’t radiate much energy, but
generally cost more than powdered iron core inductors
with similar electrical characteristics. The choice of which
style inductor to use often depends more on the price
vs size requirements and any radiated field/EMI require-
ments than on what the LTC3406AB requires to operate.
Table 1 shows some typical surface mount inductors that
work well in LTC3406AB applications.
APPLICATIONS INFORMATION
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum RMS
capacitor current is given by:
CI
VV
V
IN
OMAX
OUT
IN
OUT
required IRMS
()
⎡⎣
⎤⎦
1/2
2
VIN
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is
commonly used for design because even significant de-
viations do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
2000 hours of life. This makes it advisable to further derate
the capacitor, or choose a capacitor rated at a higher tem-
perature than required. Always consult the manufacturer
if there is any question.
The selection of COUT is driven by the required effective
series resistance (ESR).
Table 1. Representative Surface Mount Inductors
PART
NUMBER
VALUE
(μH)
DCR
(Ω MAX)
MAX DC
CURRENT (A)
SIZE
W × L × H (mm3)
Sumida
CDRH3D16
1.5
2.2
3.3
4.7
0.043
0.075
0.110
0.162
1.55
1.20
1.10
0.90
3.8 × 3.8 × 1.8
Sumida
CMD4D06
2.2
3.3
4.7
0.116
0.174
0.216
0.950
0.770
0.750
3.5 × 4.3 × 0.8
Panasonic
ELT5KT
3.3
4.7
0.17
0.20
1.00
0.95
4.5 × 5.4 × 1.2
Murata
LQH32CN
1.0
2.2
4.7
0.060
0.097
0.150
1.00
0.79
0.65
2.5 × 3.2 × 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com