công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC6908CDCB-2 bảng dữ liệu(PDF) 8 Page - Linear Technology

tên linh kiện LTC6908CDCB-2
Giải thích chi tiết về linh kiện  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CDCB-2 bảng dữ liệu(HTML) 8 Page - Linear Technology

Back Button LTC6908CDCB-2 Datasheet HTML 4Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 5Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 6Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 7Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 8Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 9Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 10Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 11Page - Linear Technology LTC6908CDCB-2 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6908-1/LTC6908-2
8
690812fa
OPERATIO
in conducted EMI results due to the reduced levels of input
and output ripple currents. The LTC6908-1 is ideal for use
with two single output switching regulators. The quadrature
outputs of the LTC6908-2, together with two dual output
switching regulators, provide the 0°, 90°, 180° and 270°
phased shifted clocks for four-phase control.
The rise and fall times are typically 6ns with a 5V supply
and 11ns with a 3V supply. An internal counter mutes
the outputs for the first 64 clock cycles after power-up,
ensuring that the first clock cycle is close to the desired
operating frequency.
Spread Spectrum Frequency Modulation
The LTC6908 provides the additional feature of spread
spectrum frequency modulation (SSFM). The oscillator’s
frequency is modulated by a pseudorandom noise (PRN)
signal to spread the oscillator’s energy over a wide fre-
quency band. This spreading decreases the peak electro-
magnetic radiation levels and improves electromagnetic
compatibility (EMC) performance.
The amount of frequency spreading is fixed at 20% (±10%),
where frequency spreading is defined as:
Frequency Spreading (in %) = 100 • ( fMAX – fMIN)/fOUT
The IMASTER current is a dynamic signal generated by a
multiplyingdigitaltoanalogconverter(MDAC)referencedto
ISETandlowpassfiltered.IMASTERvariesinapseudorandom
noise-like manner between 0.9 • ISET and 1.1 • ISET. This
causes the output frequency to vary in a pseudorandom
noise-like manner between 0.9 • fOUT and 1.1 • fOUT.
To disable the SSFM, connect one of the outputs to the
MOD pin. An AC detector circuit shuts down the modula-
tion circuitry if a frequency in the vicinity of the output
frequency is detected at the MOD pin.
As stated previously, the modulating waveform is a pseu-
dorandom noise-like waveform. The pseudorandom signal
is generated by a linear feedback shift register that is 15
bits long. The pseudorandom sequence will repeat every
(215 – 1) • N clock cycles. This guarantees a repetition
rate below 20Hz for output frequencies up to 10MHz.
Seven bits of the shift register are sent in parallel to the
MDAC which produces the modulating current waveform.
Being a digitally generated signal, the output of the MDAC
is not a perfectly smooth waveform, but consists of (27)
discrete steps that change every shift register clock cycle.
Note that the shift register clock is the output frequency,
fOUT, divided by N, where N is the modulation rate divider
setting, which is determined by the state of the MOD pin.
The MOD pin should be tied to ground for the N = 16 set-
ting. Floating the MOD pin selects N = 32. The MOD pin
should be tied to V+ for the N = 64 setting.
The output of the MDAC is then filtered by a lowpass filter
with a corner frequency set to the modulation rate (fOUT/N).
This limits the frequency change rate and softens corners
of the waveform, but allows the waveform to fully settle at
each frequency step. The rise and fall times of this single
pole filter are approximately 0.35/fCORNER.Thisisbeneficial
when the LTC6908 is used to clock switching regulators
as will be discussed in the Applications Information sec-
tion. Figure 4 illustrates how the output frequency varies
over time.
Figure 4
tREPEAT = ((2
15 – 1) • N)/f
OUT
tSTEP = N/fOUT
fOUT + 10%
128 STEPS
tREPEAT
tSTEP
fOUT – 10%
TIME
690812 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com