công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC6104CMS8 bảng dữ liệu(PDF) 2 Page - Linear Technology

tên linh kiện LTC6104CMS8
Giải thích chi tiết về linh kiện  High Voltage, High Side, Bi-Directional Current Sense Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC6104CMS8 bảng dữ liệu(HTML) 2 Page - Linear Technology

  LTC6104CMS8 Datasheet HTML 1Page - Linear Technology LTC6104CMS8 Datasheet HTML 2Page - Linear Technology LTC6104CMS8 Datasheet HTML 3Page - Linear Technology LTC6104CMS8 Datasheet HTML 4Page - Linear Technology LTC6104CMS8 Datasheet HTML 5Page - Linear Technology LTC6104CMS8 Datasheet HTML 6Page - Linear Technology LTC6104CMS8 Datasheet HTML 7Page - Linear Technology LTC6104CMS8 Datasheet HTML 8Page - Linear Technology LTC6104CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6104
2
6104f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (+INB(VS) to V
–) ......................70V
Maximum Applied Output Voltage (OUT) ....................9V
Input Current........................................................±10mA
Output Short-Circuit Duration (to V–)............... Indefinite
Operating Temperature Range
LTC6104C ............................................ –40°C to 85°C
LTC6104I ............................................. –40°C to 85°C
LTC6104H .......................................... –40°C to 125°C
Specified Temperature Range (Note 2)
LTC6104C ................................................ 0°C to 70°C
LTC6104I ............................................. –40°C to 85°C
LTC6104H .......................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Range
●
460
V
VOS
Output Offset Voltage
VSENSE = ±5mV, LTC6104
VSENSE = ±5mV, LTC6104C, LTC6104I
VSENSE = ±5mV, LTC6104H
●
●
±85
±450
±600
±700
µV
µV
µV
ΔVOS/ΔT
Input Offset Voltage Drift
VSENSE = ±5mV
●
±1.5
µV/°C
IB
Input Bias Current
RIN = 1M for –INA and –INB
●
100
170
245
nA
nA
VSENSE(MAX)
(Note 3)
Input Sense Voltage Full Scale
6V ≤ VS ≤ 60V, RIN = 1k, ROUT = 2k, VREF = 2V
●
±500
mV
VS = 4V, RIN = 1k, ROUT = 1k, VREF = 0.5V when
VSENSE = 500mV, VREF = 1V when VSENSE = –500mV
●
±500
mV
PSRR
Power Supply Rejection Ratio
VS = 6V to 60V, VSENSE = 5mV
●
116
112
140
dB
dB
VS = 6V to 60V, VSENSE = –5mV
●
110
105
120
dB
dB
VS = 4V to 60V, VSENSE = 5mV
●
110
105
133
dB
dB
VS = 4V to 60V, VSENSE = –5mV
●
105
100
115
dB
dB
VOUT(MAX)
Maximum Output Voltage
12V ≤ VS ≤ 60V, VSENSE = 90mV, VREF = 4V
VS = 6V, VSENSE = 75mV, VREF = 1.8V, ROUT = 2k
VS = 4V, VSENSE = 35mV, VREF = 0.75V, ROUT = 1k
●
●
●
8
3
1
V
V
V
VOUT(MIN)
Minimum Output Voltage
12V ≤ VS ≤ 60V, VSENSE = –80mV, VREF = 4V
VS = 6V, VSENSE = –90mV, VREF = 1.8V, ROUT = 2k
VS = 4V, VSENSE = –75mV, VREF = 0.75V, ROUT = 1k
●
●
●
0.3
0.3
0.25
V
V
V
1
2
3
4
OUT
NC
NC
V–
8
7
6
5
+INA
–INA
–INB
+INB/VS
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 300°C/W
ORDER PART NUMBER
MS8 PART MARKING*
LTC6104CMS8
LTC6104IMS8
LTC6104HMS8
LTCMP
LTCMP
LTCMP
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RIN = 100Ω, ROUT = 5k, 4V ≤ +INB(VS) ≤ 60V, V
– = 0V, VREF = 2V for
VS ≥ 6V, VREF = 0.75V for VS = 4V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com