| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC6104CMS8 bảng dữ liệu(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6104CMS8 bảng dữ liệu(HTML) 13 Page - Linear Technology |
|
13 / 16 page ![]() LTC6104 13 6104f Reverse Supply Protection Some applications may be tested with reverse-polarity supplies due to an expectation of this type of fault during operation. The LTC6104 is not protected internally from external reversal of supply polarity. To prevent damage that may occur during this condition, a Schottky diode should be added in series with V– (Figure 6). This will limit the reverse current through the LTC6104. Note that this diode will limit the low voltage performance of the LTC6104 by effectively reducing the supply voltage to the part by VD. Keep this in mind when choosing an output resistor and voltage reference. In addition, if the output of the LTC6104 is wired to a device that will effectively short it to high voltage (such as through an ESD protection clamp) during a reverse sup- ply condition, the LTC6104’s output should be connected through a resistor or Schottky diode (Figure 7). Response Time The LTC6104 is designed to exhibit fast response to inputs for the purpose of circuit protection or signal transmission. This response time will be affected by the external circuit in two ways: delay and speed. For unidirectional applications, if the output current is very low and an input transient occurs, there may be an increased delay before the output voltage starts to change. This can be improved by increasing the minimum output current, either by increasing RSENSE or by decreasing RIN. The effect of increased output current is illustrated in the step response curves in the Typical Performance Charac- teristics section of this datasheet. Note that the curves are labeled with respect to the initial output currents. For bidirectional applications, there is a delay when output current changes polarity. The delay time can be found in the step response curves in the Typical Performance Characteristics section of this data sheet. Speed is also affected by the external circuit. In this case, if the input changes very quickly, the internal amplifier and the internal output FET (Figure 1) will attempt to maintain the internal loop, but may be slew rate limited. This results in current flowing through RIN and the internal FET. This current slew rate will be determined by the ampli- fier and FET characteristics as well as the input resistor, RIN. Using a smaller RIN will allow the output current to increase more quickly, decreasing the response time at the output. This will also have the effect of increasing the maximum output current. Using a larger ROUT will APPLICATIONS INFORMATION Figure 6. Schottky Prevents Damage During Supply Reversal Figure 7. Additional Resistor R1 Protects Output During Supply Reversal + – 8 7 6 4 +INA OUT + – VS IS VS A LTC6104 –INA –INB RIN RIN TO CHARGER/LOAD RSENSE VSENSE + – +INB V– ILOAD + CURRENT MIRROR + – 5 B ROUT D1 VREF 6104 F06 VOUT + – 1 + – 8 7 6 4 +INA OUT R1 VS VS A LTC6104 –INA –INB RIN RIN TO CHARGER/LOAD RSENSE VSENSE + – +INB V– ILOAD + CURRENT MIRROR + – 5 B ROUT D1 VREF 6104 F07 + – 1 ADC |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |