| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000-1CS896B bảng dữ liệu(PDF) 170 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896B bảng dữ liệu(HTML) 170 Page - Actel Corporation |
|
170 / 226 page ![]() Axcelerator Family FPGAs 3- 64 v2.7 GND AE6 GND AF26 GND AF5 GND AG27 GND AG4 GND AH10 GND AH15 GND AH16 GND AH21 GND AH28 GND AH3 GND AJ1 GND AJ2 GND AJ22 GND AJ29 GND AJ30 GND AJ9 GND AK13 GND AK18 GND AK2 GND AK23 GND AK29 GND AK8 GND B1 GND B2 GND B22 GND B29 GND B30 GND B9 GND C10 GND C15 GND C16 GND C21 GND C28 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. GND C3 GND D27 GND D28 GND D4 GND E26 GND E5 GND H1 GND H30 GND J2 GND J22 GND J29 GND J9 GND K10 GND K21 GND K28 GND K3 GND L11 GND L20 GND M12 GND M13 GND M14 GND M15 GND M16 GND M17 GND M18 GND M19 GND N1 GND N12 GND N13 GND N14 GND N15 GND N16 GND N17 GND N18 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. GND N19 GND N30 GND P12 GND P13 GND P14 GND P15 GND P16 GND P17 GND P18 GND P19 GND R12 GND R13 GND R14 GND R15 GND R16 GND R17 GND R18 GND R19 GND R28 GND R3 GND T12 GND T13 GND T14 GND T15 GND T16 GND T17 GND T18 GND T19 GND T28 GND T3 GND U12 GND U13 GND U14 GND U15 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |