| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000-1CSG896B bảng dữ liệu(PDF) 116 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896B bảng dữ liệu(HTML) 116 Page - Actel Corporation |
|
116 / 226 page ![]() Axcelerator Family FPGAs 3- 10 v2.7 GND L17 GND M11 GND M12 GND M13 GND M14 GND M15 GND M16 GND M17 GND N11 GND N12 GND N13 GND N14 GND N15 GND N16 GND N17 GND P11 GND P12 GND P13 GND P14 GND P15 GND P16 GND P17 GND R11 GND R12 GND R13 GND R14 GND R15 GND R16 GND R17 GND T11 GND T12 GND T13 GND T14 GND T15 GND T16 GND T17 GND U11 GND U12 729-Pin PBGA AX1000 Function Pin Number GND U13 GND U14 GND U15 GND U16 GND U17 GND/LP J8 NC U3 PRA J14 PRB D14 PRC V14 PRD AB14 TCK E4 TDI D4 TDO J9 TMS H8 TRST E3 VCCA AA21 VCCA AD5 VCCA E1 VCCA G22 VCCA K10 VCCA K11 VCCA K17 VCCA K18 VCCA L10 VCCA L18 VCCA U10 VCCA U18 VCCA V10 VCCA V11 VCCA V17 VCCA V18 VCCPLA A13 VCCPLB J13 VCCPLC B15 VCCPLD C15 VCCPLE AG14 VCCPLF AF14 729-Pin PBGA AX1000 Function Pin Number VCCPLG AB13 VCCPLH AG13 VCCDA A11 VCCDA AB12 VCCDA AC12 VCCDA AC25 VCCDA AD16 VCCDA AD17 VCCDA E16 VCCDA E2 VCCDA E24 VCCDA F12 VCCDA F16 VCCDA F7 VCCDA K14 VCCDA P10 VCCDA P18 VCCDA W14 VCCDA W9 VCCIB0 A4 VCCIB0 B4 VCCIB0 C4 VCCIB0 J10 VCCIB0 J11 VCCIB0 J12 VCCIB0 K12 VCCIB0 K13 VCCIB1 A24 VCCIB1 B24 VCCIB1 C24 VCCIB1 J16 VCCIB1 J17 VCCIB1 J18 VCCIB1 K15 VCCIB1 K16 VCCIB2 D25 VCCIB2 D26 VCCIB2 D27 729-Pin PBGA AX1000 Function Pin Number |