| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EX128-CSG100 bảng dữ liệu(PDF) 6 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
EX128-CSG100 bảng dữ liệu(HTML) 6 Page - Actel Corporation |
|
6 / 49 page ![]() eX Family FPGAs 1- 2 v4.3 Module Organization C-cell and R-cell logic modules are arranged into horizontal banks called Clusters, each of which contains two C-cells and one R-cell in a C-R-C configuration. Clusters are further organized into modules called SuperClusters for improved design efficiency and device performance, as shown in Figure 1-3. Each SuperCluster is a two-wide grouping of Clusters. Figure 1-2 • C-Cell Figure 1-3 • Cluster Organization D0 D1 D2 D3 DB A0 B0 A1 B1 Sa Sb Y SuperCluster Cluster Cluster R-Cell C-Cell D0 D1 D2 D3 DB A0 B0 A1 B1 Sa Sb Y DirectConnect Input CLKA, CLKB, Internal Logic HCLK CKS CKP CLR PSET Y D Q Routed Data Input S0 S1 |