| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EX128-CSG100 bảng dữ liệu(PDF) 39 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
EX128-CSG100 bảng dữ liệu(HTML) 39 Page - Actel Corporation |
|
39 / 49 page ![]() eX Family FPGAs v4.3 2-9 128-Pin CSP Pin Number eX64 Function eX128 Function eX256 Function A1 I/O I/O I/O A2 TCK, I/O TCK, I/O TCK, I/O A3 VCCI VCCI VCCI A4 I/O I/O I/O A5 I/O I/O I/O A6 VCCA VCCA VCCA A7 I/O I/O I/O A8 I/O I/O I/O A9 VCCI VCCI VCCI A10 I/O I/O I/O A11 I/O I/O I/O A12 I/O I/O I/O B1 TMS TMS TMS B2 I/O I/O I/O B3 I/O I/O I/O B4 I/O I/O I/O B5 I/O I/O I/O B6 PRA, I/O PRA, I/O PRA, I/O B7 CLKB CLKB CLKB B8 I/O I/O I/O B9 I/O I/O I/O B10 I/O I/O I/O B11 GND GND GND B12 I/O I/O I/O C1 I/O I/O I/O C2 TDI, I/O TDI, I/O TDI, I/O C3 I/O I/O I/O C4 I/O I/O I/O C5 I/O I/O I/O C6 CLKA CLKA CLKA C7 I/O I/O I/O C8 I/O I/O I/O C9 I/O I/O I/O C10 NC I/O I/O C11 NC I/O I/O C12 I/O I/O I/O D1 NC I/O I/O D2 I/O I/O I/O D3 I/O I/O I/O D4 I/O I/O I/O D5 I/O I/O I/O D6 GND GND GND D7 I/O I/O I/O D8 GND GND GND D9 I/O I/O I/O D10 I/O I/O I/O D11 I/O I/O I/O D12 VCCI VCCI VCCI E1 NC I/O I/O E2 VCCI VCCI VCCI E3 I/O I/O I/O E4 GND GND GND E9 GND GND GND E10 I/O I/O I/O E11* GND/LP* GND/LP* GND/LP* E12 VCCA VCCA VCCA F1 NC I/O I/O F2 NC I/O I/O F3 NC I/O I/O F4 I/O I/O I/O F9 GND GND GND F10 NC I/O I/O F11 I/O I/O I/O F12 I/O I/O I/O G1 NC I/O I/O G2 TRST, I/O TRST, I/O TRST, I/O G3 I/O I/O I/O G4 GND GND GND G9 GND GND GND G10 NC I/O I/O 128-Pin CSP Pin Number eX64 Function eX128 Function eX256 Function Note: *Please read the LP pin descriptions for restrictions on their use. |