| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COREAI-UG bảng dữ liệu(PDF) 24 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
COREAI-UG bảng dữ liệu(HTML) 24 Page - Actel Corporation |
|
24 / 25 page ![]() CoreAI 24 v2.0 Ordering Information Order CoreAI through your local Actel sales representative. Use the following naming convention when ordering: CoreAI-XX, where XX is listed in Table 34. Datasheet Categories In order to provide the latest information to designers, some datasheets are published before data has been fully characterized. Datasheets are designated as "Product Brief," "Advanced," and "Production." The definitions of these categories are as follows: Product Brief The product brief is a summarized version of an advanced or production datasheet containing general product information. This brief summarizes specific device and family information for unreleased products. Advanced This datasheet version contains initial estimated information based on simulation, other products, devices, or speed grades. This information can be used as estimates, but not for production. Unmarked (production) This datasheet version contains information that is considered to be final. Table 34 • Ordering Codes Traditional (FTP) Delivery CoreConsole Delivery EV Evaluation version Evaluations included with CoreConsole SN Single use netlist OC Obfuscated RTL – 1 year license AN Multiple use netlist OM Obfuscated RTL – multiple use license SR Single use RTL RC RTL source – 1 year license AR Multiple use RTL RM RTL source – multiple use license UR Unrestricted technology (on request) UG Upgrade M Maintenance |