| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90USB647 bảng dữ liệu(PDF) 29 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB647 bảng dữ liệu(HTML) 29 Page - ATMEL Corporation |
|
29 / 459 page ![]() 29 7593H–AVR–11/08 ATmega32U6/AT90USB64/128 5.4 I/O Memory The I/O space definition of the ATmega32U6/AT90USB64/128 is shown in “Register Summary” on page 429. All ATmega32U6/AT90USB64/128 I/Os and peripherals are placed in the I/O space. All I/O loca- tions may be accessed by the LD/LDS/LDD and ST/STS/STD instructions, transferring data between the 32 general purpose working registers and the I/O space. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. Refer to the instruction set section for more details. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The ATmega32U6/AT90USB64/128 is a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the IN and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD instruc- tions can be used. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI instructions will only operate on the specified bit, and can therefore be used on registers containing such Status Flags. The CBI and SBI instructions work with reg- isters 0x00 to 0x1F only. The I/O and peripherals control registers are explained in later sections. 5.4.1 General Purpose I/O Registers The ATmega32U6/AT90USB64/128 contains three General Purpose I/O Registers. These reg- isters can be used for storing any information, and they are particularly useful for storing global variables and Status Flags. General Purpose I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI, CBI, SBIS, and SBIC instructions. 5.4.2 General Purpose I/O Register 2 – GPIOR2 5.4.3 General Purpose I/O Register 1 – GPIOR1 5.4.4 General Purpose I/O Register 0 – GPIOR0 Bit 765 43 210 MSB LSB GPIOR2 Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value 000 00 000 Bit 765 43 210 MSB LSB GPIOR1 Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value 000 00 000 Bit 765 43 210 MSB LSB GPIOR0 Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value 000 00 000 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |