| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90USB647 bảng dữ liệu(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB647 bảng dữ liệu(HTML) 8 Page - ATMEL Corporation |
|
8 / 459 page ![]() 8 7593H–AVR–11/08 ATmega32U6/AT90USB64/128 2.2.8 Port E (PE7..PE0) Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port E output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port E pins that are externally pulled low will source current if the pull-up resistors are activated. The Port E pins are tri-stated when a reset condition becomes active, even if the clock is not running. Por t E also se r v e s the fun c tion s of va r i ous spe c ial fe atu r es of the ATmega32U6/AT90USB64/128 as listed on page 87. 2.2.9 Port F (PF7..PF0) Port F serves as analog inputs to the A/D Converter. Port F also serves as an 8-bit bi-directional I/O port, if the A/D Converter is not used. Port pins can provide internal pull-up resistors (selected for each bit). The Port F output buffers have sym- metrical drive characteristics with both high sink and source capability. As inputs, Port F pins that are externally pulled low will source current if the pull-up resistors are activated. The Port F pins are tri-stated when a reset condition becomes active, even if the clock is not running. If the JTAG interface is enabled, the pull-up resistors on pins PF7(TDI), PF5(TMS), and PF4(TCK) will be activated even if a reset occurs. Port F also serves the functions of the JTAG interface. 2.2.10 D- USB Full speed / Low Speed Negative Data Upstream Port. Should be connected to the USB D- connector pin with a serial 22 Ohms resistor. 2.2.11 D+ USB Full speed / Low Speed Positive Data Upstream Port. Should be connected to the USB D+ connector pin with a serial 22 Ohms resistor. 2.2.12 UGND USB Pads Ground. 2.2.13 UVCC USB Pads Internal Regulator Input supply voltage. 2.2.14 UCAP USB Pads Internal Regulator Output supply voltage. Should be connected to an external capac- itor (1µF). 2.2.15 VBUS USB VBUS monitor and OTG negociations. 2.2.16 RESET Reset input. A low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock is not running. The minimum pulse length is given in Table 8-1 on page 58. Shorter pulses are not guaranteed to generate a reset. 2.2.17 XTAL1 Input to the inverting Oscillator amplifier and input to the internal clock operating circuit. |